Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-11 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # P2CF-11
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button P2CF-11 Datasheet HTML 13Page - Omron Electronics LLC P2CF-11 Datasheet HTML 14Page - Omron Electronics LLC P2CF-11 Datasheet HTML 15Page - Omron Electronics LLC P2CF-11 Datasheet HTML 16Page - Omron Electronics LLC P2CF-11 Datasheet HTML 17Page - Omron Electronics LLC P2CF-11 Datasheet HTML 18Page - Omron Electronics LLC P2CF-11 Datasheet HTML 19Page - Omron Electronics LLC P2CF-11 Datasheet HTML 20Page - Omron Electronics LLC P2CF-11 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
254
General-purpose Relays and Power Relays
Sockets
Note: If PTF08A and PT08 are used in combination with LY1 with a total current flow of 10 A minimum, terminals 1 and 2, 3 and 4, 5 and 6 respec-
tively should be short-circuited.
Dimensions
Terminal arrangement/
Internal connections
(top view)
Mounting holes (top view)
Two, 4.5 x 6
mounting holes
7
Eight, M3.5 x 8
sems
78.5 max.
28.5
max.
3.4
35.4
8
32.65 max.
PTF08A-E
Two, M4 or
two, 4.5-dia. holes
68
±0.3
19
±0.2
Note: Track-mounting is avail-
able. See page 245.
PTF11A
Two, 4.5 x 6
mounting holes
Eleven,
3.5M x 8
screw
78.5
max.
37 max.
30
max.
Two, M4 or
4.5-dia. holes
Note: Track-mounting is avail-
able. See page 245.
PTF14A
Two, 4.5 x 6
mounting holes
Fourteen,
3.5M x 8
screw
78.5
max.
45.5 max.
30
max.
Two, M4 or
4.5-dia. holes
Note: Track-mounting is avail-
able. See page 245.
PTF14A-E
Two, 4.5 x 6
mounting holes
Fourteen,
3.5M x 8
screw
78.5
max.
45.5 max.
33
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com