Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4034 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4034
Description  Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4034 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4034 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4034 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4034 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IST4034
eq Q6035NH5RP
Thyristors
www.iscsemi.com
1
FEATURES
· Glass passivated junctions
· Electric tools such as motor speed controller
· Solid state relay
· Heating controller (temperature)
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)
Tc=90℃
35
A
ITSM
Non repetitive surge peak on-state current
f=50Hz,t=20ms
290
A
PG(AV)
Average gate power
TJ= 125℃
0.5
W
di/dt
Repetitive rate of rise of on-state current after triggering
f= 120Hz,TJ= 125℃
100
A/us
I2t
I2t for fusing t = 8.3ms
508
A2S
IGM
Peak gate current,TJ= 125℃
4
A
Tj
Operating Junction temperature
-40 ~+125
℃
Tstg
Storage temperature
-40 ~+125
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.85
℃
/W


Similar Part No. - IST4034

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4036 ISC-IST4036 Datasheet
318Kb / 3P
Thyristors
IST4037 ISC-IST4037 Datasheet
315Kb / 3P
Triac
IST4038 ISC-IST4038 Datasheet
307Kb / 3P
Thyristor
More results

Similar Description - IST4034

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com