Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC044N15NM6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ISC044N15NM6
Description  MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC044N15NM6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  ISC044N15NM6 Datasheet HTML 1Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 2Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 3Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 4Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 5Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 6Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 7Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 8Page - Infineon Technologies AG ISC044N15NM6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
OptiMOS™ 6 Power‑Transistor, 150 V
ISC044N15NM6
Public
Datasheet
4
Revision 2.0
https://www.infineon.com
2024‑04‑23
3   Electrical characteristics
at  =25 °C, unless otherwise specified
T
Table 4      Static characteristics
Parameter
Symbol
Values
Unit Note/ Test Condition
Min. Typ. Max.
Drain‑source breakdown voltage
V
150 ‑
‑
V
V =0 V,  =1 mA
I
Gate threshold voltage
V
3.0 3.5 4.0 V
V = ,  =140 μA
V I
Zero gate voltage drain current
I
‑
0.1 
10
1 
100 μA
V =120 V,  =0 V,  =25 °C 
V
T
=120 V,  =0 V,  =125 °C
V
V
T
Gate‑source leakage current
I
‑
10 100 nA
V =20 V,  =0 V
V
Drain‑source on‑state resistance
R
‑
3.5 
3.8 
4.3
4.2 
4.4 
5.1
mΩ
V =15 V,  =50 A 
I
=10 V,  =50 A 
V
I
=8 V,  =25 A
V
I
Gate resistance
R
‑
0.86 1.29 Ω
‑
Transconductance
g
48 97 ‑
S
| |≥2| |
,  =50 A
V
I R
I
Table 5      Dynamic characteristics
Parameter
Symbol
Values
Unit Note/ Test Condition
Min. Typ. Max.
Input capacitance 6)
C
‑
3900 5100 pF
V =0 V,  =75 V,  =1 MHz
V
f
Output capacitance 6)
C
‑
1200 1600 pF
V =0 V,  =75 V,  =1 MHz
V
f
Reverse transfer capacitance 6)
C
‑
16
24
pF
V =0 V,  =75 V,  =1 MHz
V
f
Turn‑on delay time
t
‑
15
‑
ns
V =75 V,  =10 V,  =25 A, 
=1.
V
I
R
6 Ω
Rise time
t
‑
7
‑
ns
V =75 V,  =10 V,  =25 A, 
=1.
V
I
R
6 Ω
Turn‑off delay time
t
‑
20
‑
ns
V =75 V,  =10 V,  =25 A, 
=1.
V
I
R
6 Ω
Fall time
t
‑
10
‑
ns
V =75 V,  =10 V,  =25 A, 
=1.
V
I
R
6 Ω
    Defined by design. Not subject to production test.
6)
j
(BR)DSS
GS
D
GS(th)
DS
GS D
DSS
DS
GS
j
DS
GS
j
GSS
GS
DS
DS(on)
GS
D
GS
D
GS
D
G
fs
DS
D DS(on)max D
iss
GS
DS
oss
GS
DS
rss
GS
DS
d(on)
DD
GS
D
G,ext
r
DD
GS
D
G,ext
d(off)
DD
GS
D
G,ext
f
DD
GS
D
G,ext



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com