Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB622 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSB622
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB622 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSB622 Datasheet HTML 4Page - STMicroelectronics TSB622 Datasheet HTML 5Page - STMicroelectronics TSB622 Datasheet HTML 6Page - STMicroelectronics TSB622 Datasheet HTML 7Page - STMicroelectronics TSB622 Datasheet HTML 8Page - STMicroelectronics TSB622 Datasheet HTML 9Page - STMicroelectronics TSB622 Datasheet HTML 10Page - STMicroelectronics TSB622 Datasheet HTML 11Page - STMicroelectronics TSB622 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Table 6. Electrical characteristics VCC = 36 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
T = 25 °C
±3
mV
Tmin < T < Tmax
±3.5
|∆ VIO/∆T|
Input offset voltage drift
Tmin < T < Tmax
1
5
µV/°C
IIB
Input bias current
T = 25 °C
6
100
pA
Tmin < T < Tmax
2000
IIO
Input offset current
T = 25 °C
1
100
Tmin < T < Tmax
2000
AVD
Large signal voltage gain
VOUT = 0.3 to (VCC -0.3 V)
RL = 10 kΩ connected to VCC/2
108
116
dB
Tmin < T < Tmax
97
CMR
Common-mode rejection
ratio
VICM = 0 to VCC -1.5 V, VOUT = VCC/2
90
105
dB
Tmin < T < Tmax
90
SVR
Supply voltage rejection
ratio 20 Log(Δ VCC / ΔVIO)
VCC = 5 to 36 V, VICM = 0 V
102
116
Tmin < T < Tmax
101
VOL
Output swing from negative
rail
No load
5
15
mV
Tmin < T < Tmax
50
ISINK = 2 mA
51
70
Tmin < T < Tmax
120
ISINK = 15 mA
370
420
Tmin < T < Tmax
700
VOH
Output swing from positive
rail
No load
7
25
Tmin < T < Tmax
50
ISOURCE = 2 mA
55
80
Tmin < T < Tmax
120
ISOURCE = 15 mA
390
440
Tmin < T < Tmax
700
IOUT
ISINK
VOUT = VCC+
36
40
mA
Tmin < T < Tmax
31
ISOURCE
VOUT = VCC-
42
46
Tmin < T < Tmax
41
ICC
Supply current (per channel)
No load, VOUT = VCC/2
2.6
3.3
mA
Tmin < T < Tmax
4.1
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 22 pF
35
52
MHz
Tmin < T < Tmax
33
SR
Slew rate
RL = 10 kΩ, CL = 22 pF, AV = 1 V/V,
10% to 90%
21
30
V/µs
Tmin < T < Tmax
16
Φm
Phase margin
RL = 10 kΩ, CL = 22 pF
52
°
GM
Gain margin
RL = 10 kΩ, CL = 22 pF
12
dB
TSB952
Electrical characteristics
DS14576 - Rev 1
page 8/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com