Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8124451 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8124451
Description  Ball screw linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8124451 Datasheet(HTML) 1 Page - Festo Corporation.

  8124451 Datasheet HTML 1Page - Festo Corporation. 8124451 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball screw linear actuator
ELGT-BS-120-300-10P
Part number: 8124451
General operating condition
Data sheet
Feature
Value
Working stroke
300 mm
Size
120
Stroke reserve
0 mm
Reversing backlash
≤150 µm
Screw diameter
16 mm
Spindle pitch
10 mm/U
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with ball screw
Motor type
Stepper motor
Servo motor
Spindle type
Ball screw
Symbol
00991211
Variants
Metals with copper, zinc or nickel by mass as main constituent are
excluded from use. Exceptions are nickel in steel, chemically nickel-
plated surfaces, printed circuit boards, cables, electrical plug connectors
and coils.
Max. acceleration
15 m/s²
Max. rotational speed
3000 rpm
Max. speed
0.5 m/s
Repetition accuracy
±0.02 mm
Duty cycle
100%
LABS (PWIS) conformity
VDMA24364 zone III
Suitability for the production of Li-ion batteries
Metals with more than 1% by mass of copper, zinc or nickel by mass
are excluded from use. Exceptions are nickel in steel, chemically nickel-
plated surfaces, printed circuit boards, cables, electrical plug connectors
and coils
Cleanroom class
Class 8 according to ISO 14644-1
Degree of protection
IP20
Ambient temperature
0 °C ... 50 °C
Continuous feed force
1265 N
2nd moment of area Iy
966000
mm⁴
2nd moment of area Iz
6011000
mm⁴
No-load torque at maximum travel speed
0.3 Nm
No-load torque at minimum travel speed
0.08 Nm
Max. force Fy
6800 N
8/13/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8124451

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8124452 FESTO-8124452 Datasheet
113Kb / 2P
Ball screw linear actuator
8124453 FESTO-8124453 Datasheet
112Kb / 2P
Ball screw linear actuator
8124454 FESTO-8124454 Datasheet
111Kb / 2P
Ball screw linear actuator
8124455 FESTO-8124455 Datasheet
110Kb / 2P
Ball screw linear actuator
8124456 FESTO-8124456 Datasheet
109Kb / 2P
Ball screw linear actuator
More results

Similar Description - 8124451

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3013388 FESTO-3013388 Datasheet
113Kb / 2P
Ball screw linear actuator
4/20/22
3013532 FESTO-3013532 Datasheet
115Kb / 2P
Ball screw linear actuator
4/20/22
3013572 FESTO-3013572 Datasheet
113Kb / 2P
Ball screw linear actuator
4/20/22
3013573 FESTO-3013573 Datasheet
111Kb / 2P
Ball screw linear actuator
4/20/22
3013578 FESTO-3013578 Datasheet
115Kb / 2P
Ball screw linear actuator
4/20/22
3013581 FESTO-3013581 Datasheet
110Kb / 2P
Ball screw linear actuator
4/20/22
3013536 FESTO-3013536 Datasheet
107Kb / 2P
Ball screw linear actuator
4/21/22
3013538 FESTO-3013538 Datasheet
102Kb / 2P
Ball screw linear actuator
4/21/22
8061479 FESTO-8061479 Datasheet
106Kb / 2P
Ball screw linear actuator
4/26/22
8061485 FESTO-8061485 Datasheet
111Kb / 2P
Ball screw linear actuator
4/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com