Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40PR2KLF Datasheet(PDF) 2 Page - Bi technologies

Part # 40PR2KLF
Description  6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

40PR2KLF Datasheet(HTML) 2 Page - Bi technologies

  40PR2KLF Datasheet HTML 1Page - Bi technologies 40PR2KLF Datasheet HTML 2Page - Bi technologies 40PR2KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL 40
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
September 19, 2006
page 2 of 3
BI technologies
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Operating Temperature Range
-10°C to +70°C
Load Life, 0.1W, 500 Hours, 50
°C
±20%
∆R
Resistance to Solder Heat
260
°C for 3 sec.
Aqueous cleaning not recommended
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION2222
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES AND MARKING
VALUES AND MARKING
VALUES AND MARKING
VALUES AND MARKING
Resistance
(ohms)
Part
Marking
100
101
200
201
500
501
1K
102
2K
202
5K
502
10K
103
20K
203
50K
503
100K
104
200K
204
500K
504
1MEG
105
2
Contact our customer service for custom designs and features.
40 P R10K LF
40 P R10K LF
40 P R10K LF
40 P R10K LF
Model Series
Style P, S, B, W
RoHS Compliant Product Code
Resistance Value (see tables below)
Std. Package 500 pc/bag



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com