Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1410125 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1410125
Description  PROT-MINMS-PA VPE100 - Screw plug
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1410125 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1410125 Datasheet HTML 1Page - PHOENIX CONTACT 1410125 Datasheet HTML 2Page - PHOENIX CONTACT 1410125 Datasheet HTML 3Page - PHOENIX CONTACT 1410125 Datasheet HTML 4Page - PHOENIX CONTACT 1410125 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sealing cap, 7/8", plastic, for flush-type connectors, for 7/8" sockets
Commercial data
Item number
1410125
Packing unit
100 pc
Minimum order quantity
500 pc
Product key
BF1ZAX
GTIN
4046356890939
Weight per piece (including packing)
9.83 g
Weight per piece (excluding packing)
9.83 g
Country of origin
DE
PROT-MINMS-PA VPE100 - Screw plug
1410125
https://www.phoenixcontact.com/us/products/1410125
Jul 3, 2024, 4:09 AM
Page 1 (5)


Similar Part No. - 1410125

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410125-1 MACOM-1410125-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410125-1 ETC2-1410125-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
More results

Similar Description - 1410125

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1430925 PHOENIX-1430925 Datasheet
149Kb / 3P
Screw plug - PROT-MINMS-PA-CHAIN
1430860 PHOENIX-1430860 Datasheet
125Kb / 3P
Screw plug - PROT-M 8 MS-PA-CHAIN
1430899 PHOENIX-1430899 Datasheet
132Kb / 3P
Screw plug - PROT-M12 MS-PA-CHAIN
1439751 PHOENIX-1439751 Datasheet
342Kb / 3P
Sealing cap - PROT-M12 FS VPE100
1503302 PHOENIX-1503302 Datasheet
261Kb / 3P
Screw plug - PROT-M12 SH
1553129 PHOENIX-1553129 Datasheet
54Kb / 3P
Screw plug - PROT-MS SCO
1555538 PHOENIX-1555538 Datasheet
197Kb / 3P
Screw plug - PROT-M12 FB
1695744 PHOENIX-1695744 Datasheet
248Kb / 3P
Screw plug - PROT-M12 VPE100
1539525 PHOENIX-1539525 Datasheet
53Kb / 3P
Screw plug - PROT-M12 VPE1000
1410604 PHOENIX-1410604 Datasheet
271Kb / 2P
Screw plug - PROT-MINMS-PA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com