Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44WR20LFT7 Datasheet(PDF) 2 Page - Bi technologies

Part # 44WR20LFT7
Description  4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

44WR20LFT7 Datasheet(HTML) 2 Page - Bi technologies

  44WR20LFT7 Datasheet HTML 1Page - Bi technologies 44WR20LFT7 Datasheet HTML 2Page - Bi technologies 44WR20LFT7 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-22
Model 44
TOP ADJUSTMENT (Inch/mm)
.025
.63
3X
.200
5.08
.190
4.83
.209
5.31
.022
.55
.039
.99
3X
.063
1.60
.138
3.51
.154
3.91
.008
±.003
.203
±.076
3X
Solderable
Terminals
(1)
(3)
(2)
.061
1.56
.113
2.87
.100
2.54
Metal Adjustment
Screw .056/1.42 Dia.
with .020/.51 wide x
.015/.38 deep slot
Model 44W
SOLDER PAD LAYOUT (Inch/mm)
.079
2.01
.060
1.52
3X
.114
2.90
.051
1.30
.100
2.54
2X
.079
2.01
.079
2.01
.157
3.99
.090
2.29
3X
.051
1.30
2X
.051
1.30
.079
2.01
.205
5.21
.090
2.29
3X
.051
1.30
2X
Model 44W
Model 44J
Model 44G
SIDE ADJUSTMENT (Inch/mm)
3X
.190
4.83
.229
5.82
.008
±.003
.203
±.076
3X
Solderable
Terminals
(1)
(3)
(2)
.061
1.56
.120
3.05
.100
2.54
Metal Adjustment
Screw .056/1.42 Dia.
with .020/.51 wide x
.015/.38 deep slot
.180
4.57
.154
3.91
.025
.63
.024
.61
.025
.63
3X
.190
4.83
.198
5.03
.032
.81
3X
.008
±.003
.203
±.076
3X
Solderable
Terminals
(1)
(3)
(2)
.061
1.56
.113
2.87
.100
2.54
Metal Adjustment
Screw .056/1.42 Dia.
with .020/.51 wide x
.015/.38 deep slot
.180
4.57
.147
3.73
Model 44J
Model 44G
STANDARD RESISTANCE VALUES, OHMS
10
100
1K
10K
50K
250K
2Meg
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com