Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40PR100KLF Datasheet(PDF) 3 Page - Bi technologies

Part # 40PR100KLF
Description  6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

40PR100KLF Datasheet(HTML) 3 Page - Bi technologies

  40PR100KLF Datasheet HTML 1Page - Bi technologies 40PR100KLF Datasheet HTML 2Page - Bi technologies 40PR100KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL 40
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
September 19, 2006
page 3 of 3
BI technologies
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING
OUTLINE DRAWING3333
Model 40P (Top Adjust)
Model 40S (Side Adjust)
Model 40B (Side Adjust with 2 pins)
Model 40W (Side Adjust with 3 pins in-line)
3
Dimensions are mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com