Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2613 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA2613
Description  6 W hi-fi audio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2613 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA2613 Datasheet HTML 1Page - NXP Semiconductors TDA2613 Datasheet HTML 2Page - NXP Semiconductors TDA2613 Datasheet HTML 3Page - NXP Semiconductors TDA2613 Datasheet HTML 4Page - NXP Semiconductors TDA2613 Datasheet HTML 5Page - NXP Semiconductors TDA2613 Datasheet HTML 6Page - NXP Semiconductors TDA2613 Datasheet HTML 7Page - NXP Semiconductors TDA2613 Datasheet HTML 8Page - NXP Semiconductors TDA2613 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
July 1994
2
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2613
GENERAL DESCRIPTION
The TDA2613 is a hi-fi audio power amplifier encapsulated in a 9-lead SIL plastic power package. The device is
especially designed for mains fed applications (e.g. tv and radio).
Features
• Requires very few external components
• Input muted during power-on and off
(no switch-on or switch-off clicks)
• Low offset voltage between output and ground
• Hi-fi according to IEC 268 and DIN 45500
• Short-circuit-proof
• Thermally protected.
QUICK REFERENCE DATA
PACKAGE OUTLINE
TDA2613: 9-lead SIL; plastic power (SOT110B); SOT110-1; 1996 August 07.
Supply voltage range
VP
15 to 42 V
Output power at THD = 0,5%,
VP = 24 V
Po
typ.
6 W
Voltage gain
Gv
typ.
30 dB
Supply voltage ripple rejection
SVRR
typ.
60 dB
Noise output voltage
Vno(rms)
typ.
70
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com