Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM10AM02FG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM10AM02FG
Description  Phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM10AM02FG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM10AM02FG Datasheet HTML 1Page - Microsemi Corporation APTM10AM02FG Datasheet HTML 2Page - Microsemi Corporation APTM10AM02FG Datasheet HTML 3Page - Microsemi Corporation APTM10AM02FG Datasheet HTML 4Page - Microsemi Corporation APTM10AM02FG Datasheet HTML 5Page - Microsemi Corporation APTM10AM02FG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM10AM02FG
www.microsemi.com
1 - 6
VBUS
0/VBUS
Q2
G2
S2
S1
Q1
G1
OUT
OUT
VBUS
E1
G1
0/VBUS
G2
E2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
100
V
Tc = 25°C
495
ID
Continuous Drain Current
Tc = 80°C
370
IDM
Pulsed Drain current
1900
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
2.5
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
100
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 100V
RDSon = 2.25mΩ typ @ Tj = 25°C
ID = 495A @ Tc = 25°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Power MOS V® FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Fast intrinsic diode
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
•
RoHS Compliant
Phase leg
MOSFET Power Module


Similar Part No. - APTM10AM02FG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10AM02F ADPOW-APTM10AM02F Datasheet
298Kb / 6P
Phase leg MOSFET Power Module
More results

Similar Description - APTM10AM02FG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM04F ADPOW-APTM20AM04F Datasheet
285Kb / 6P
Phase leg MOSFET Power Module
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
Phase leg MOSFET Power Module
APTM50AM35FT ADPOW-APTM50AM35FT Datasheet
301Kb / 6P
Phase leg MOSFET Power Module
APTM20AM10FT ADPOW-APTM20AM10FT Datasheet
312Kb / 6P
Phase leg MOSFET Power Module
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
Phase leg MOSFET Power Module
APTM120A29FT ADPOW-APTM120A29FT Datasheet
313Kb / 6P
Phase Leg MOSFET Power Module
logo
Microsemi Corporation
APTM10AM05FTG MICROSEMI-APTM10AM05FTG Datasheet
285Kb / 6P
Phase leg MOSFET Power Module
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
Phase leg MOSFET Power Module
APTM100A18FTG MICROSEMI-APTM100A18FTG Datasheet
291Kb / 6P
Phase leg MOSFET Power Module
APTM50A15FT1G MICROSEMI-APTM50A15FT1G Datasheet
194Kb / 5P
Phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com