Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62MR100LF Datasheet(PDF) 2 Page - Bi technologies

Part # 62MR100LF
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

62MR100LF Datasheet(HTML) 2 Page - Bi technologies

  62MR100LF Datasheet HTML 1Page - Bi technologies 62MR100LF Datasheet HTML 2Page - Bi technologies 62MR100LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-32
Model 62
Terminal Pins (3)
Solderable
.017
± .003
0.432
± 0.076
Dia.
Min.
.19
4.83
.10
2.54
.10
2.54
.10
2.54
.210
5.08
(3)
(2)
(1)
.10
2.54
.10
2.54
Case:
Plastic
.30
7.62
.150
± .015
3.810
± 0.381
(2)
(3)
Dia.
.017
± .003
0.432
± 0.076
Solderable Pins (3)
(1)
.20
5.08
Max.
.015
0.381
Min.
.25
6.35
Min.
Standoff 3 Pls.
.360
9.144
Max.
.280
7.112
Max.
Model No.
& Resistance
Value on either
surface
TOP ADJUSTMENT (Inch/mm)
.10
2.54
.210
5.08
.10
2.54
.025
0.635
90
° ± 5°
(2)
(3)
(1)
Model
Dim . A
Min.
.312
±.062
7.92
±1.57
62P
.625
15.87
.250
± .020
6.350
± 0.508
62PF
.007
0.178
Min.
Standoff
3 Places
Standoff
Plastic
Terminal Pins (3)
Solderable
.017
± .003
0.432
± 0.076
A
Dia.
Housing: Metal
Dia.
.110
± .005
2.794
± 0.127
Electric Adjustment
.025
± .005
0.635
± 0.127
Long X
.035
± .005
0.889
± 0.127
Wide X
Deep Slot
Model 62P, 62PF
Model 62B
Model 62M
±
Note: Model 62P dimensions applicable to all models except as noted.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com