Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003TR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD55003TR-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003TR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD55003TR-E Datasheet HTML 3Page - STMicroelectronics PD55003TR-E Datasheet HTML 4Page - STMicroelectronics PD55003TR-E Datasheet HTML 5Page - STMicroelectronics PD55003TR-E Datasheet HTML 6Page - STMicroelectronics PD55003TR-E Datasheet HTML 7Page - STMicroelectronics PD55003TR-E Datasheet HTML 8Page - STMicroelectronics PD55003TR-E Datasheet HTML 9Page - STMicroelectronics PD55003TR-E Datasheet HTML 10Page - STMicroelectronics PD55003TR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
PD55003-E
Typical performance
Doc ID 12273 Rev 4
7/29
4.1
Performance for the PowerSO-10RF formed lead
Figure 7.
Output power vs. input power
Figure 8.
Output power vs. input power
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Pin, INPUT POWER (W)
0
1
2
3
4
5
6
7
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Pin, INPUT POWER (W)
0
1
2
3
4
5
6
7
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=6 W
520 MHz
500 MHz
480 MHz
Figure 9.
Drain efficiency vs. output power
Figure 10.
Drain efficiency vs. output power
01
2
3
45
67
Pout, OUTPUT POWER (W)
20
30
40
50
60
70
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
1
23
4
5
67
Pout, OUTPUT POWER (W)
20
30
40
50
60
70
Vdd = 12.5 V
Idq = 50 mA
Tune for Po=6 W
520 MHz
500 MHz
480 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com