Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8834TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM8834TR
Description  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834TR Datasheet(HTML) 5 Page - STMicroelectronics

  PM8834TR Datasheet HTML 1Page - STMicroelectronics PM8834TR Datasheet HTML 2Page - STMicroelectronics PM8834TR Datasheet HTML 3Page - STMicroelectronics PM8834TR Datasheet HTML 4Page - STMicroelectronics PM8834TR Datasheet HTML 5Page - STMicroelectronics PM8834TR Datasheet HTML 6Page - STMicroelectronics PM8834TR Datasheet HTML 7Page - STMicroelectronics PM8834TR Datasheet HTML 8Page - STMicroelectronics PM8834TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID15086 Rev 4
5/21
PM8834
Pin description and connections
21
DocID15086 Rev 4
5/21
PM8834
Pin description and connections
21
2
Pin description and connections
Figure 2. Pin connections (top view)
2.1
Pin description
Table 2. Pin description
Pin no.
Name
Function
1
ENABLE_1
Enable input for Driver 1. Pull low to disable Driver 1 (OUT1 will be low, PWM1 will be
ignored). Even though internally pulled up to VCC with a typ. 100 k
 internal resistor, it is
recommended to pull high up directly to VCC externally to enable the section.
Enable pin is a device state control pin and must be set before to apply the PWM signal.
The pin features TTL/CMOS-compatible thresholds.
2PWM_1
PWM input signal for Driver 1 featuring TTL/CMOS-compatible threshold and hysteresis.
Even though internally pulled down to GND with a 10 μA current generator, it is
recommended to pull-down to GND with an external 100 kΩ resistor.
3GND
All internal references, logic and drivers are referenced to this pin. Connect to the PCB
ground plane.
4PWM_2
PWM input signal for Driver 2 featuring TTL/CMOS-compatible threshold and hysteresis.
Even though internally pulled down to GND with a 10 μA current generator, it is
recommended to pull-down to GND with an external 100 kΩ resistor.
5OUT_2
Driver 2 output. The output stage is capable of providing up to 4 A drive current to the gate
of a power MOSFET. IGBTs are supported as well. A low ohmic value series resistor can be
useful to reduce dissipated power.
6
VCC
PM8834 supply voltage. Bypass with low ESR MLCC capacitor to GND.
7OUT_1
Driver 1 output. The output stage is capable of providing up to 4 A drive current to the gate
of a power MOSFET. IGBTs are supported as well. A low ohmic value series resistor can be
useful to reduce dissipated power.
8
ENABLE_2
Enable input for Driver 2. Pull low to disable Driver 2 (OUT2 will be low, PWM2 will be
ignored). Even though internally pulled up to VCC with a typ. 100 k
internal resistor, it is
recommended to pull high up directly to VCC externally to enable the section.
Enable pin is a device state control pin and must be set before to apply the PWM signal.
The pin features TTL/CMOS compatible thresholds.
PM8834M only
EXP PAD
The thermal pad connects the silicon substrate and makes good thermal contact with the
PCB. Use multiple vias to connect it to the GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com