Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8834M Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM8834M
Description  4 A dual low-side MOSFET driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM8834M Datasheet HTML 9Page - STMicroelectronics PM8834M Datasheet HTML 10Page - STMicroelectronics PM8834M Datasheet HTML 11Page - STMicroelectronics PM8834M Datasheet HTML 12Page - STMicroelectronics PM8834M Datasheet HTML 13Page - STMicroelectronics PM8834M Datasheet HTML 14Page - STMicroelectronics PM8834M Datasheet HTML 15Page - STMicroelectronics PM8834M Datasheet HTML 16Page - STMicroelectronics PM8834M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID15086 Rev 4
13/21
PM8834
Design guidelines
21
DocID15086 Rev 4
13/21
PM8834
Design guidelines
21
5.2
Power dissipation
The PM8834 embeds two high-current low-side drivers that can be used to drive high
capacitive MOSFETs. This section estimates the power dissipated inside the device in
normal applications.
Two main terms contribute to the device’s power dissipation: bias power and the power of
the driver.
Bias power (PDC) depends on the static consumption of the device through the supply
pins and it is simply obtained as follows:
Equation 1
The power of the driver is defined as the power needed by the driver to continuously
switch ON and OFF the external MOSFETs; it is a function of the switching frequency
and total gate charge of the selected MOSFETs. It can be quantified considering that
the total power PSW dissipated to switch the MOSFETs is dissipated by three main
factors: external gate resistance, intrinsic MOSFET resistance and intrinsic driver
resistance. This last term has to be determined to calculate the device power
dissipation. The total power dissipated by each section to switch an external MOSFETs
with gate charge QG is:
Equation 2
When designing an application based on the PM8834 it is recommended to take into
consideration the effect of the external gate resistors on the power dissipated by the driver.
External gate resistors help the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor,
resulting in a general cooling of the device.
Referring to Figure 6, a typical MOSFET driver can be represented by a push-pull output
stage with two different MOSFETs: P-DMOS to drive the external gate high and N-DMOS to
drive the external gate low (with their own RdsON: Rhi, Rlo). The external power MOSFET
can be represented in this case as a capacitance (CG) that stores the gate-charge (QG)
required by the external power MOSFET to reach the driving voltage (VCC). This
capacitance is charged and discharged at the driver switching frequency FSW.The total
power PSW is dissipated among the resistive components distributed along the driving path.
According to the external gate resistance and the power MOSFET intrinsic gate resistance,
the driver dissipates only a portion of PSW (per section) as follows:
Equation 3
PDC VCC ICC
=
PSW FSW QG VCC

=
PSW
1
2
--- CG VCC

2
FSW
Rhi
Rhi RGate Ri
++
----------------------------------------------
RIo
RIo RGate Ri
++
-----------------------------------------------
+




=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com