Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ12010 Datasheet(PDF) 7 Page - Mini-Circuits

Part # AZ12010
Description  Multiply by 16, 32 Phase-Locked Loop Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AZ12010 Datasheet(HTML) 7 Page - Mini-Circuits

  AZ12010 Datasheet HTML 1Page - Mini-Circuits AZ12010 Datasheet HTML 2Page - Mini-Circuits AZ12010 Datasheet HTML 3Page - Mini-Circuits AZ12010 Datasheet HTML 4Page - Mini-Circuits AZ12010 Datasheet HTML 5Page - Mini-Circuits AZ12010 Datasheet HTML 6Page - Mini-Circuits AZ12010 Datasheet HTML 7Page - Mini-Circuits AZ12010 Datasheet HTML 8Page - Mini-Circuits AZ12010 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AZ12010
November 2006 * REV - 5
www.azmicrotek.com
7
Application Circuit
A typical application circuit is shown in Figure 2.
F
SAWIN
PHASE/
FREQ
DETECT
CHARGE
PUMP
OUTPT
DRVR
INPUT
RCVR
MUX
REFIN
VBB
REFOUT
4mA
470 Ω
SAWIN
VBB
INTSUM
INTOUT
CPOUT
INTEGRATOR
VEE
VEEP
PLL
OUTPUT
/2
/16
ENABLE
DIV_SEL
SAWOUT
SAWOUT
ENABLE
CONT
Q
Q
SAW
DRIVE
SAW
RCVR
2 x 10kΩ
CPREF
CPPOL
INTREF
R2
C1
R1
R3
VCC
GROUND
C2
0.01
μF
SAW RESONATOR
W/ MATCHING &
TUNING NETWORK
R5
R4
C3
0.01
μF
VCC
Figure 2. Typical Application, Always Enabled and Divide by One for Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com