Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX2AS2001BAAC Datasheet(PDF) 13 Page - Honeywell Accelerometers

Part # PX2AS2001BAAC
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2AS2001BAAC Datasheet(HTML) 13 Page - Honeywell Accelerometers

Back Button PX2AS2001BAAC Datasheet HTML 9Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 10Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 11Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 12Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 13Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 14Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 15Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 16Page - Honeywell Accelerometers PX2AS2001BAAC Datasheet HTML 17Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
sensing.honeywell.com
Heavy Duty Pressure Transducers
Figure 7. Connector Dimensions (For reference only: mm/[in].)
A = Delphi Metri-Pack 150
B = Micro M12 IEC 61076-2
C= DIN EN 175301-803C
Connector: DELPHI 12078088
Mating Connector: DELPHI 12110192
IP Rating1: IP65
Connector: IEC 61076-2-101
Mating Connector: 4 POS TYPE D
IP Rating1: IP65/IP67
Connector: EN 175301-803C
Mating Connector: EN 175301-803C DIN
43650C 8MM
IP Rating1: IP65
Pin
Voltage
Output
Current
Output
Pin
Voltage
Output
Current
Output
Pin
Voltage
Output
Current
Output
A
GND
RTN
1
V+
supply
1
GND
RTN
B
V+
supply
3
GND
RTN
2
V+
supply
C
Vout
NC
4
Vout
NC
3
Vout
NC
PE
NC
NC
1
IP rating is determined by the electrical connection chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com