Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57006-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD57006-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD57006-E Datasheet HTML 9Page - STMicroelectronics PD57006-E Datasheet HTML 10Page - STMicroelectronics PD57006-E Datasheet HTML 11Page - STMicroelectronics PD57006-E Datasheet HTML 12Page - STMicroelectronics PD57006-E Datasheet HTML 13Page - STMicroelectronics PD57006-E Datasheet HTML 14Page - STMicroelectronics PD57006-E Datasheet HTML 15Page - STMicroelectronics PD57006-E Datasheet HTML 16Page - STMicroelectronics PD57006-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PD57006-E, PD57006S-E
Test circuit
13/22
Figure 24.
Test circuit photomaster
Figure 25.
Test circuit
Table 7.
Transmission line dimensions
Z1
0.430” X 0.084”
MICROSTRIP
Z4
1.273” X 0.565”
MICROSTRIP
Z7
0.778” X 0.150”
MICROSTRIP
Z2
0.220” X 0.155”
MICROSTRIP
Z5
0.195” X 0.250”
MICROSTRIP
Z8
0.120” X 0.171”
MICROSTRIP
Z3
0.960” X 0.120”
MICROSTRIP
Z6
0.555” X 0.171”
MICROSTRIP
Z8
1.200” X 0.084”
MICROSTRIP
6.4 inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com