Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX2AS2002BAAC Datasheet(PDF) 11 Page - Honeywell Accelerometers

Part # PX2AS2002BAAC
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2AS2002BAAC Datasheet(HTML) 11 Page - Honeywell Accelerometers

Back Button PX2AS2002BAAC Datasheet HTML 7Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 8Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 9Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 10Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 11Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 12Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 13Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 14Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 15Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
sensing.honeywell.com
Heavy Duty Pressure Transducers
Figure 5. Nomenclature and Order Guide1
Connector
Type
Sensor
(Series)
Port
Type
PX2 A N1 XX 150P A BD X
(three-
wire)
(two-
wire)
S
A
Series
Pressure Reference
A
D
Delphi
Metri-Pack 1502
Deutsch
DTM04-3P
Connector Type
E
Cable harness,
1 meter3
N1
N2
1/4-18 NPT
1/8-27 NPT
Port Type
S1 9/16-18 UNF
SAE J1926-3
PX2 Heavy Duty Pressure Transducer1
S2 7/16-20 UNF
SAE J1926-3
002B
1.6B
001B 1 bar
1.6 bar
2 bar
Pressure Range
Absolute
Sealed gage5
AA
AB
Ratiometric 5.0 V, 10 %Vs to 90 %Vs
Ratiometric 5.0 V, 5 %Vs to 95 %Vs
Output Transfer Function
AC Ratiometric 3.3 V, 10 %Vs to 90 %Vs
AD Ratiometric 3.3 V, 5 %Vs to 95 %Vs
BC Regulated, 1 Vdc to 6 Vdc
BD Regulated, 0.25 Vdc to 10.25 Vdc
BE Regulated, 0.5 Vdc to 4.5 Vdc
BG Regulated, 1 Vdc to 5 Vdc
CH Current, 4 mA to 20 mA
B
Micro M12
IEC 61076-2
C
DIN
EN 175301-803C
F
Cable harness,
2 meter3
G
Cable harness,
3 meter3, 4
H Cable harness,
5 meter3, 4
2.5B 2.5 bar
004B 4 bar
F1
M1
M12 x 1.5
ISO 6149-3
G1
G1/4
ISO 1179-3
G2
G1/8
ISO 1179-3
1/4 in 45º Flare
Female Schrader
(7/16-20 SAE J512)
100P 100 psi
200P
250P
150P 150 psi
250 psi
200 psi
300P
500P 500 psi
300 psi
600P 600 psi
667P 667 psi
1
Not all catalog listing combinations are available. Custom products are available. Please contact Honeywell.
2
Mating connectors available from Honeywell are 3685301 (1 m cable length) and 3685302 (3 m cable length).
3
Three-wire cable is required for ratiometric and regulated outputs; two-wire cable is required for current output.
4
Three meter and ve meter cables are only available with Output Transfer Function CH = Current, 4 mA to 20 mA.
5
Sealed gage option only available in pressure ranges at or above 100 psi.
bar
psi
008B
006B 6 bar
8 bar
010B 10 bar
016B 16 bar
040B
025B 25 bar
40 bar
046B 46 bar
100K 100 kPa
250K
160K 160 kPa
250 kPa
400K 400 kPa
600K 600 kPa
Pa
015P
030P 030 psi
015 psi
050P 050 psi
For example,
PX2AN1XX150PABDX denes a PX2 Series Heavy Duty Pressure Transducer, Delphi Metri-Pack 150 connector type,
1/4-18 NPT port type, 150 psi pressure range, absolute pressure reference, regulated, 0.25 Vdc to 10.25 Vdc output transfer function.
001G 1 MPa
2.5G
1.6G 1.6 MPa
2.5 MPa
004G 4 MPa
4.6G 4.6 MPa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com