Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-34 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-34
Description  13W Multiple Output Supply using TOP242P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-34 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-34 Datasheet HTML 1Page - Power Integrations, Inc. DER-34 Datasheet HTML 2Page - Power Integrations, Inc. DER-34 Datasheet HTML 3Page - Power Integrations, Inc. DER-34 Datasheet HTML 4Page - Power Integrations, Inc. DER-34 Datasheet HTML 5Page - Power Integrations, Inc. DER-34 Datasheet HTML 6Page - Power Integrations, Inc. DER-34 Datasheet HTML 7Page - Power Integrations, Inc. DER-34 Datasheet HTML 8Page - Power Integrations, Inc. DER-34 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DER-34
13W Integrated Digital TV PSU
April 1, 2004
Page 2 of 19
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 3
2
Power Supply Specification ........................................................................................ 4
3
Schematic................................................................................................................... 5
4
Circuit Description ...................................................................................................... 5
4.1
Design Architecture ............................................................................................. 6
4.2
Input Stage.......................................................................................................... 6
4.3
Primary Side Clamp ............................................................................................ 6
4.4
Output Rectification, Filtering and Feedback....................................................... 6
5
Bill Of Materials .......................................................................................................... 7
6
Transformer Specification........................................................................................... 8
6.1
Electrical Diagram ............................................................................................... 8
6.2
Electrical Specifications....................................................................................... 8
6.3
Materials.............................................................................................................. 8
6.4
Transformer Build Diagram ................................................................................. 9
6.5
Winding Instructions ............................................................................................ 9
7
Transformer Spreadsheet......................................................................................... 10
8
Measurements.......................................................................................................... 13
8.1
Efficiency........................................................................................................... 13
8.2
Line Regulation ................................................................................................. 13
9
Operating Waveforms .............................................................................................. 14
9.1
Output Ripple .................................................................................................... 14
9.1.1
High Frequency Ripple (132kHz) ............................................................... 15
9.1.2
Low frequency output ripple (100Hz) ......................................................... 16
10
Conducted EMI Measurements ............................................................................ 17
11
Revision History .................................................................................................... 18
Important Notes:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics
are included. Typically only a single prototype has been built.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com