Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57006STR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD57006STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006STR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD57006STR-E Datasheet HTML 3Page - STMicroelectronics PD57006STR-E Datasheet HTML 4Page - STMicroelectronics PD57006STR-E Datasheet HTML 5Page - STMicroelectronics PD57006STR-E Datasheet HTML 6Page - STMicroelectronics PD57006STR-E Datasheet HTML 7Page - STMicroelectronics PD57006STR-E Datasheet HTML 8Page - STMicroelectronics PD57006STR-E Datasheet HTML 9Page - STMicroelectronics PD57006STR-E Datasheet HTML 10Page - STMicroelectronics PD57006STR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PD57006-E, PD57006S-E
Typical performance
7/22
PD57006
Figure 5.
Output power vs input power
Figure 6.
Input return loss vs output power
Figure 7.
Power gain vs output power
Figure 8.
Drain efficiency vs output power
0
0.1
0.2
0.3
0.4
Pin, INPUT POWER (W)
0
1
2
3
4
5
6
7
8
9
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz
0
123
45
678
9
Pout, OUTPUT POWER (W)
-25
-20
-15
-10
-5
0
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz
0
1
23
45
6
7
8
9
Pout, OUTPUT POWER (W)
4
6
8
10
12
14
16
18
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz
0
1
2
3
45
6
7
89
Pout, OUTPUT POWER (W)
10
20
30
40
50
60
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com