Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-37 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-37
Description  16W Low Profile Adapter Supply using TOP245P
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-37 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-37 Datasheet HTML 17Page - Power Integrations, Inc. DER-37 Datasheet HTML 18Page - Power Integrations, Inc. DER-37 Datasheet HTML 19Page - Power Integrations, Inc. DER-37 Datasheet HTML 20Page - Power Integrations, Inc. DER-37 Datasheet HTML 21Page - Power Integrations, Inc. DER-37 Datasheet HTML 22Page - Power Integrations, Inc. DER-37 Datasheet HTML 23Page - Power Integrations, Inc. DER-37 Datasheet HTML 24Page - Power Integrations, Inc. DER-37 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DER-37
16W Adapter using TOP245P
April 27, 2004
Page 21 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11 Thermal Performance
11.1 Thermal measurements at max ambient
The power supply was placed inside a mock-up plastic case of the specified dimensions.
The case was placed inside a large closed carton box, and the carton was placed in an
oven. The carton box was to prevent airflow on the unit under test. The ambient
temperature was monitored inside the carton. The internal temperatures stabilized after
1 hour of continuous full load operation.
Temperature (
°C)
Item
90 VAC
265VAC
External Ambient
45
45
Bridge (BR1)
84
74
Transformer (T1)
81
87
Rectifier (D1)
120
122
TOP245P (U1)
110
112
11.2 Thermal margin test
As a test of thermal margin, the unit was operated at 10
o above max rated external
ambient, or 55
oC. The unit did not go into thermal shutdown. This implies plenty of
thermal margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com