Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3155 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3155
Description  Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3155 Datasheet(HTML) 5 Page - STMicroelectronics

  STG3155 Datasheet HTML 1Page - STMicroelectronics STG3155 Datasheet HTML 2Page - STMicroelectronics STG3155 Datasheet HTML 3Page - STMicroelectronics STG3155 Datasheet HTML 4Page - STMicroelectronics STG3155 Datasheet HTML 5Page - STMicroelectronics STG3155 Datasheet HTML 6Page - STMicroelectronics STG3155 Datasheet HTML 7Page - STMicroelectronics STG3155 Datasheet HTML 8Page - STMicroelectronics STG3155 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STG3155
Electrical characteristics
5/18
3
Electrical characteristics
3.1
DC Electrical characteristics
Table 5.
DC Specifications
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level
Input
Voltage
1.65-1.95
0.65VCC
0.65VCC
0.65VCC
V
2.3-2.5
1.2
1.2
1.2
2.7-3.0
1.3
1.3
1.3
3.3-3.6
1.4
1.4
1.4
4.3
1.6
1.6
1.6
VIL
Low Level
Input
Voltage
1.65-1.95
0.25
0.25
0.25
V
2.3-2.5
0.25
0.25
0.25
2.7-3.0
0.25
0.25
0.25
3.3-3.6
0.30
0.30
0.30
4.3
0.40
0.40
0.40
RPEAK
Switch ON
Peak
Resistance
1.8
VS = 0V to
VCC
IS = 100mA
1.1
1.5
1.5
2.7
0.7
0.8
0.9
3.0
0.7
0.8
0.9
4.3
0.6
0.7
0.8
RON
Switch On
Resistance
1.8
VS = 0.9V
IS = 100mA
1.0
1.2
1.4
2.7
VS = 1.3V
IS = 100mA
0.6
0.7
0.8
3.0
VS = 1.5V
IS = 100mA
0.6
0.7
0.8
4.3
VS = 2.5V
IS = 100mA
0.5
0.6
0.7
∆RON
ON
Resistance
Match
between
channels (1)
1.8
VS @ RON
Max
IS = 100mA
12
m
2.7
17
3.0
18
4.3
21
RFLAT
ON
Resistance
FLATNESS
(2)
1.8
VS = 0V to
VCC
IS = 100mA
0.45
0.50
0.50
2.7
0.28
0.32
0.32
3.0
0.27
0.32
0.32
4.3
0.25
0.30
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com