Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6210/15C Datasheet(PDF) 2 Page - Alpha Wire

Part # 6210/15C
Description  24 (7/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6210/15C Datasheet(HTML) 2 Page - Alpha Wire

  6210/15C Datasheet HTML 1Page - Alpha Wire 6210/15C Datasheet HTML 2Page - Alpha Wire 6210/15C Datasheet HTML 3Page - Alpha Wire 6210/15C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable Specifications
1) UL
AWM/STYLE 2919
80°C / 30 VRMS
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) CE
EU Low Voltage Directive 2014/35/EU
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3)
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006)
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
3) California Proposition 65
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more detail.
Properties
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
109 lbs. (max.)
Electrical Properties
For Engineering purposes only
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
105 ω +/- 10
3) Mutual Capacitance
12.5 pF/ft @1 kHz, Nominal
4) Ground Capacitance
22 pF/ft @1 kHz, Nominal
5) Velocity of Propagation
78 %
6) Attenuation, Max dB/100ft
0.25 @ 100 kHz
0.8 @ 1 MHz
5.8 @ 50 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com