Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3155DTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STG3155DTR
Description  Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3155DTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STG3155DTR Datasheet HTML 9Page - STMicroelectronics STG3155DTR Datasheet HTML 10Page - STMicroelectronics STG3155DTR Datasheet HTML 11Page - STMicroelectronics STG3155DTR Datasheet HTML 12Page - STMicroelectronics STG3155DTR Datasheet HTML 13Page - STMicroelectronics STG3155DTR Datasheet HTML 14Page - STMicroelectronics STG3155DTR Datasheet HTML 15Page - STMicroelectronics STG3155DTR Datasheet HTML 16Page - STMicroelectronics STG3155DTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STG3155
Package mechanical data
13/18
Table 9.
DFN6L (1.45mm x 1mm) Mechanical data
Dim.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.017
0.019
0.021
A1
0
0.02
0.05
0
0.001
0.002
A3
0.127
0.005
b
0.20
0.25
0.30
0.007
0.010
0.011
D
1.35
1.45
1.55
0.053
0.057
0.061
E
0.90
1
1.10
0.035
0.040
0.043
e
0.50
0.020
L
0.25
0.35
0.45
0.010
0.013
0.017
Figure 12. Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com