Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-41 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-41
Description  3.7W Power Supply Using TNY263P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-41 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-41 Datasheet HTML 1Page - Power Integrations, Inc. DER-41 Datasheet HTML 2Page - Power Integrations, Inc. DER-41 Datasheet HTML 3Page - Power Integrations, Inc. DER-41 Datasheet HTML 4Page - Power Integrations, Inc. DER-41 Datasheet HTML 5Page - Power Integrations, Inc. DER-41 Datasheet HTML 6Page - Power Integrations, Inc. DER-41 Datasheet HTML 7Page - Power Integrations, Inc. DER-41 Datasheet HTML 8Page - Power Integrations, Inc. DER-41 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DER-41
5V and 22V LCD TV Standby PS
November 18, 2004
Table Of Contents
1
Introduction .................................................................................................................3
2
Photograph .................................................................................................................3
3
Power Supply Specification ........................................................................................4
4
Schematic ...................................................................................................................5
5
Circuit Description.......................................................................................................6
5.1
Input Rectification ................................................................................................6
5.2
Auxiliary Bias Supply and the 22V Primary Output ..............................................6
5.3
Primary DRAIN Voltage Clamp Circuit.................................................................6
5.4
Output Rectification and Filtering.........................................................................6
5.5
Output Voltage Sensing and Feedback ...............................................................6
6
PCB Layout.................................................................................................................7
7
Bill Of Materials...........................................................................................................8
8
Transformer Specification ...........................................................................................9
8.1
Electrical Diagram................................................................................................9
8.2
Electrical Specifications .......................................................................................9
8.3
Materials ..............................................................................................................9
8.4
Transformer Build Diagram................................................................................10
8.5
Transformer Construction ..................................................................................10
9
Transformer Spreadsheets .......................................................................................11
10
Performance Data .................................................................................................14
10.1 Line and Load Regulation..................................................................................14
10.2 Efficiency ...........................................................................................................14
10.3 No-Load and Minimum Load Input Power .........................................................15
10.4 Overload Protection ...........................................................................................15
11
Thermal Performance............................................................................................16
12
Waveforms ............................................................................................................17
12.1 Drain Voltage Normal Operation........................................................................17
12.2 Output Voltage Start-up Profile..........................................................................17
12.3 Drain Voltage Start-up Profile ............................................................................17
12.4 Output Ripple Measurements ............................................................................18
12.4.1
Ripple Measurement Technique.................................................................18
12.4.2
Measurement Results.................................................................................19
13
Conducted EMI .....................................................................................................20
14
Revision History ....................................................................................................21
Important Note:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics
are included. Typically only a single prototype has been built.
Page 2 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com