Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM10DHM09TG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM10DHM09TG
Description  Asymmetrical - Bridge MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM10DHM09TG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM10DHM09TG Datasheet HTML 1Page - Microsemi Corporation APTM10DHM09TG Datasheet HTML 2Page - Microsemi Corporation APTM10DHM09TG Datasheet HTML 3Page - Microsemi Corporation APTM10DHM09TG Datasheet HTML 4Page - Microsemi Corporation APTM10DHM09TG Datasheet HTML 5Page - Microsemi Corporation APTM10DHM09TG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM10DHM09TG
www.microsemi.com
1 – 6
NTC2
S4
G4
VBUS SENSE
VBUS
Q1
G1
S1
OUT1
OUT2
Q4
CR3
0/VBUS
CR2
0/VBUSSENSE
NTC1
NTC2
OUT2
OUT1
VBUS
VBUS
SENSE
S4
G4
S1
NTC1
0/VBUS
0/VBUS
SENSE
G1
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
100
V
Tc = 25°C
139
ID
Continuous Drain Current
Tc = 80°C
100
IDM
Pulsed Drain current
430
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
10
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
100
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 100V
RDSon = 9mΩ typ @ Tj = 25°C
ID = 139A @ Tc = 25°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Switched Reluctance Motor Drives
Features
•
Power MOS V® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Asymmetrical - Bridge
MOSFET Power Module


Similar Part No. - APTM10DHM09TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10DHM09T ADPOW-APTM10DHM09T Datasheet
310Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM10DHM09T3G MICROSEMI-APTM10DHM09T3G Datasheet
228Kb / 7P
Asymmetrical - Bridge MOSFET Power Module
More results

Similar Description - APTM10DHM09TG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DHM08 ADPOW-APTM20DHM08 Datasheet
290Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM20DHM16T ADPOW-APTM20DHM16T Datasheet
296Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM10DHM05 ADPOW-APTM10DHM05 Datasheet
302Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM10DHM09T ADPOW-APTM10DHM09T Datasheet
310Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM20DHM10G MICROSEMI-APTM20DHM10G Datasheet
279Kb / 6P
Asymmetrical - bridge MOSFET Power Module
APTM20DHM16TG MICROSEMI-APTM20DHM16TG Datasheet
284Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM20DHM20TG MICROSEMI-APTM20DHM20TG Datasheet
290Kb / 6P
Asymmetrical - Bridge MOSFET Power Module
APTM50DHM35G MICROSEMI-APTM50DHM35G Datasheet
279Kb / 6P
Asymmetrical - bridge MOSFET Power Module
APTM50DHM38G MICROSEMI-APTM50DHM38G Datasheet
279Kb / 6P
Asymmetrical - bridge MOSFET Power Module
APTM50DHM65T3G MICROSEMI-APTM50DHM65T3G Datasheet
199Kb / 5P
Asymmetrical - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com