Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD2406PMB1-A..GN Datasheet(PDF) 1 Page - Sunon Fans

Part # PMD2406PMB1-A..GN
Description  41.5~56.5 CFM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

PMD2406PMB1-A..GN Datasheet(HTML) 1 Page - Sunon Fans

  PMD2406PMB1-A..GN Datasheet HTML 1Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41.5~56.5 CFM
60x60x38 mm
Air Flow-Static Pressure Characteristics
External dimensions(mm)
47
RO
TATION
Airflow (CFM)
2
0.2
0.4
0.6
0.8
1
0
20
30
10
40
50
60
3
1
Specifications
Rating
Voltage
(VDC)
Power
Current
(mA)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dB(A))
Weight
(g)
Curve
Bearing
90.0
90.0
90.0
90.0
90.0
90.0
90.0
90.0
90.0
56.0
52.0
47.0
56.0
52.0
47.0
56.0
52.0
47.0
56.5
49.2
41.5
56.5
49.2
41.5
56.5
49.2
41.5
8000
7000
6000
8000
7000
6000
8000
7000
6000
10.6
7.0
5.2
10.3
7.4
5.3
11.5
8.6
6.2
880
580
430
430
310
220
240
180
130
0.92
0.71
0.53
0.92
0.71
0.53
0.92
0.71
0.53
1
2
3
1
2
3
1
2
3
12
12
12
24
24
24
48
48
48
Sleeve
2BALL
Model
PMD1206PMB1-A (2).GN
PMD1206PMB2-A (2).GN
PMD1206PMB3-A (2).GN
PMD2406PMB1-A (2).GN
PMD2406PMB2-A (2).GN
PMD2406PMB3-A (2).GN
PMD4806PMB1-A (2).GN
PMD4806PMB2-A (2).GN
PMD4806PMB3-A (2).GN
#24AWG
5±0.3
300±30
4±0.3
4±0.3
38±0.3
8-
Ø4.3
±0.3
AIR FLOW
*All model could be customized. Please contact with Sunon Sales.
*Specifications are subject to change without notice. Please Visit SUNON website at http://www.sunon.com for update information.


Similar Part No. - PMD2406PMB1-A..GN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMD2406PMB1-A ETC-PMD2406PMB1-A Datasheet
198Kb / 4P
Sunon Power Motor Fan
2004/02/29
More results

Similar Description - PMD2406PMB1-A..GN

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407113 EXTECH-407113 Datasheet
129Kb / 8P
Heavy Duty CFM Thermo-Anemometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
Heavy Duty CFM-CMM Thermo-Anemometer
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
MagLev Motor AC Fan 40-41 CFM
logo
Extech Instruments Corp...
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
Hot Wire CFM Thermo-Anemometer/Datalogger
407119 EXTECH-407119 Datasheet
461Kb / 1P
Heavy Duty Hot Wire CFM Thermo-Anemometer
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
logo
XP Power Limited
IFC165 XPPOWER-IFC165 Datasheet
989Kb / 14P
165 Watt Force Cooled (12 CFM)
RCL175 XPPOWER-RCL175 Datasheet
1Mb / 13P
175 W with 12 CFM cooling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com