Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-50 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DER-50
Description  30W Multiple Output Power Supply using TOP245R
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-50 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DER-50 Datasheet HTML 17Page - Power Integrations, Inc. DER-50 Datasheet HTML 18Page - Power Integrations, Inc. DER-50 Datasheet HTML 19Page - Power Integrations, Inc. DER-50 Datasheet HTML 20Page - Power Integrations, Inc. DER-50 Datasheet HTML 21Page - Power Integrations, Inc. DER-50 Datasheet HTML 22Page - Power Integrations, Inc. DER-50 Datasheet HTML 23Page - Power Integrations, Inc. DER-50 Datasheet HTML 24Page - Power Integrations, Inc. DER-50 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DER-50
Set Top Box Design using TOP245R
April 20, 2005
Page 21 of 31
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Thermal Performance
Temperature
Item
90
VAC
260
VAC
Ambient
25
°C 25°C
Common Mode Choke (L5)
43.5
°C 26°C
Bridge (D4, D5, D9, D10)
42.5
°C 37°C
Transformer (T1)
56
°C 53.5°C
Clamp Resistor (R5)
46
°C 31°C
TOPSwitch (U1)
69.5
°C 62°C
Rectifier D2
48.5
°C 41°C
Rectifier D3
39.5
°C 37°C
Rectifier D6
41.5
°C 39°C
Rectifier D8
41
°C 39.5°C
Resistor R21
56.5
°C 56°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com