Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-53 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-53
Description  20W Dual Output Power Supply using TOP247Y
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-53 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-53 Datasheet HTML 13Page - Power Integrations, Inc. DER-53 Datasheet HTML 14Page - Power Integrations, Inc. DER-53 Datasheet HTML 15Page - Power Integrations, Inc. DER-53 Datasheet HTML 16Page - Power Integrations, Inc. DER-53 Datasheet HTML 17Page - Power Integrations, Inc. DER-53 Datasheet HTML 18Page - Power Integrations, Inc. DER-53 Datasheet HTML 19Page - Power Integrations, Inc. DER-53 Datasheet HTML 20Page - Power Integrations, Inc. DER-53 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DER-53
105C Dual Output Cook top Power Supply
April 20, 2005
Page 17 of 27
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8
Performance Data
All measurements performed at room temperature, 60 Hz input frequency.
8.1
Efficiency
80.00%
81.00%
82.00%
83.00%
84.00%
85.00%
86.00%
87.00%
88.00%
89.00%
90.00%
50
100
150
200
250
300
Input Voltage (VAC)
Full Load (21W)
2 X Full Load (42W)
Figure 6 - Efficiency vs. Input Voltage, Room Temperature, 60 Hz.
8.2
Minimum Load Input Power
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
50
100
150
200
250
300
Input Voltage (VAC)
Figure 7 - Input Power vs. Input Line Voltage, Room Temperature, 60 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com