Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-58 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-58
Description  3W Wide Range Flyback Power Supply using LNK304P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-58 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-58 Datasheet HTML 13Page - Power Integrations, Inc. DER-58 Datasheet HTML 14Page - Power Integrations, Inc. DER-58 Datasheet HTML 15Page - Power Integrations, Inc. DER-58 Datasheet HTML 16Page - Power Integrations, Inc. DER-58 Datasheet HTML 17Page - Power Integrations, Inc. DER-58 Datasheet HTML 18Page - Power Integrations, Inc. DER-58 Datasheet HTML 19Page - Power Integrations, Inc. DER-58 Datasheet HTML 20Page - Power Integrations, Inc. DER-58 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DER-58
Wide-range Flyback using LNK304
May 4, 2005
Page 17 of 22
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10.4.
Load Transient Response at 120VAC (50% to 100% Load Step)
In the figures shown below, signal averaging was used to better enable viewing the load
transient response. The oscilloscope was triggered using the load current step as a trigger
source. Since the output switching and line frequency occur essentially at random with
respect to the load transient, contributions to the output ripple from these sources will average
out, leaving the contribution only from the load step response.
Figure 12 – Transient Response +5V, 50%-100%-50% Load Step.
Load Current, 100mA/div.
Output Voltage
1V, 2ms / div. (+12V Offset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com