Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3567 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3567
Description  NTSC decoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3567 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3567 Datasheet HTML 1Page - NXP Semiconductors TDA3567 Datasheet HTML 2Page - NXP Semiconductors TDA3567 Datasheet HTML 3Page - NXP Semiconductors TDA3567 Datasheet HTML 4Page - NXP Semiconductors TDA3567 Datasheet HTML 5Page - NXP Semiconductors TDA3567 Datasheet HTML 6Page - NXP Semiconductors TDA3567 Datasheet HTML 7Page - NXP Semiconductors TDA3567 Datasheet HTML 8Page - NXP Semiconductors TDA3567 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
June 1986
2
Philips Semiconductors
Product specification
NTSC decoder
TDA3567
GENERAL DESCRIPTION
The TDA3567 is a monolithic integrated decoder for the NTSC colour television standards. It combines all functions
required for the demodulation of NTSC signals. Further more it contains a luminance amplifier, an RGB-matrix and
amplifier. These amplifiers supply output signals up to 5 V peak-to-peak (picture information) enabling direct drive of the
discrete output stages.
QUICK REFERENCE DATA
PACKAGE OUTLINE
18-lead DIL; plastic, with internal heatspreader (SOT102-1); SOT102-1; 1996 November 25.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
pin 1
VP =V1-17
9
12
13,2
V
Supply current
pin 1
IP =I1
−
65
−
mA
Luminance input signal
pin 8
Input voltage
(peak-to-peak value)
V8-17(p-p)
−
0,45
−
V
Contrast control range
−
20
−
dB
Chrominance amplifier
pin 3
Input voltage
(peak-to-peak value)
V3-17(p-p)
−
550
−
mV
Saturation control range
50
−−
dB
RGB matrix and amplifiers
Output voltage at nominal
luminance input signal
and nominal contrast
(peak-to-peak value)
V10,11,12-17(p-p)
4,0
5,0
6,0
V
Sandcastle input
pin 7
Blanking input voltage
V7-17
1,0
1,5
2,0
V
Burst gating and clamping
input voltage
V7-17(p-p)
6,5
7,0
7,5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com