Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-75 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DER-75
Description  2.4 W Power Supply using LNK520P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-75 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DER-75 Datasheet HTML 13Page - Power Integrations, Inc. DER-75 Datasheet HTML 14Page - Power Integrations, Inc. DER-75 Datasheet HTML 15Page - Power Integrations, Inc. DER-75 Datasheet HTML 16Page - Power Integrations, Inc. DER-75 Datasheet HTML 17Page - Power Integrations, Inc. DER-75 Datasheet HTML 18Page - Power Integrations, Inc. DER-75 Datasheet HTML 19Page - Power Integrations, Inc. DER-75 Datasheet HTML 20Page - Power Integrations, Inc. DER-75 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DER-75
2.4W Power Supply using LNK520P
September 12, 2005
Page 17 of 23
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.2
Load Transient Response (75% to 100% Load Step)
In the figures shown below, no signal averaging was used.
The oscilloscope was
triggered using the load current step as a trigger source.
Figure 11 – Transient Response, 115 VAC, 75-100-
75% Load Step.
Top: Output Voltage, 200 mV/div.
Bottom: Load Current
200 mA, 2ms / div.
Figure 12 – Transient Response, 230 VAC, 75-100-
75% Load Step.
Top: Output Voltage, 200 mV/div.
Bottom: Load Current
200 mA, 2ms / div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com