Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD3552RFMC2Z Datasheet(PDF) 39 Page - Analog Devices

Part # EVAL-AD3552RFMC2Z
Description  Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3552RFMC2Z Datasheet(HTML) 39 Page - Analog Devices

Back Button EVAL-AD3552RFMC2Z Datasheet HTML 35Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 36Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 37Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 38Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 39Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 40Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 41Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 42Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. B | 39 of 70
Table 16. Alarm Mask Register and Corresponding Error Source
Bit Number
Alarm Mask Register Bit Name
Error Source Register Name
Error Source Bit Name
6
REF_RANGE_ALARM_MASK
ERR_STATUS
REF_RANGE_ERR_STATUS
5
CLOCK_COUNT_ALARM_MASK
INTERFACE_STATUS_A
CLOCK_COUNTING_ERROR
4
MEM_CRC_ALARM_MASK
ERR_STATUS
MEM_CRC_ERR_STATUS
3
SPI_CRC_ERR_ALARM_MASK
INTERFACE_STATUS_A
INVALID_OR_NO_CRC
2
WRITE_TO_READ_ONLY_ALARM_MASK
INTERFACE_STATUS_A
WRITE_TO_READ_ONLY_REGISTER
1
PARTIAL_REGISTER_ACCESS_ALARM_MASK
INTERFACE_STATUS_A
PARTIAL_REGISTER_ACCESS
0
REGISTER_ADDRESS_INVALID_ALARM_MASK INTERFACE_STATUS_A
REGISTER_ADDRESS_INVALID
ERR_STATUS Register
VREF Detection
The REF_RANGE_ERR_STATUS bit in the ERR_STATUS register
is set when the reference voltage drops below 1 V for more than
5 ms. The error is detected irrespective of the reference voltage
source, whether it is generated internally or provided externally via
the VREF pin. This feature is useful to detect an interruption in the
external reference voltage or an overload condition on the VREF pin
when the internal reference is shared with another device.
SPI Mode Error
The SPI mode error is produced during streaming when the ad-
dress pointer crosses the boundary between the secondary and
the primary region with the SPI interface configured in synchro-
nous dual SPI mode or dual SPI mode because this region can
only be accessed in quad SPI mode or classic SPI mode. The
DUAL_SPI_STREAM_EXCEEDS_DAC_ERR_STATUS bit is set in
the ERR_STATUS register.
Register CRC
The AD3552R includes an internal CRC for the register map and
the read only memory (ROM). The CRC is executed every 4.1 μs,
and only includes the primary region of the register map because
the secondary region is expected to be continuously written. The
CRC can be disabled by clearing the MEM_CRC_EN bit in the
INTERFACE_CONFIG_D register. If a CRC error is detected, the
MEM_CRC_ERR_STATUS bit is set in the ERR_STATUS register.
It is advisable to reset the device if this error occurs.
Reset Status
The RESET_ STATUS bit in the ERR_STATUS register indicates
that the AD3552R has been reset, either internally (POR or SW
reset) or externally (via the RESET pin). The RESET_STATUS bit
is set when the POR completes correctly. It is useful to detect
unexpected reset conditions, such as a dip in power supply, and
take corrective actions.
The RESET_STATUS bit causes the assertion of the ALERT pin
and it is not maskable. Therefore, it must be cleared after reset or
power-up to be able to detect new events via the ALERT signal.
INTERFACE_STATUS_A Register
Device Busy
The INTERFACE_NOT_READY bit in the INTERFACE_STATUS_A
register is not an error, but a status bit. This bit can be polled to
know when the device is ready to receive data from the controller.
SPI Clock Counter
The error reported in the CLOCK_COUNTING_ERR bit is produced
when the number of SCLK cycles is not in accordance with the
amount required to shift a multiple of 8 bits, taking into account
the SPI mode (quad, dual, or single) and the DDR mode. The
CLOCK_COUNTING_ERR bit is set in the ERR_STATUS register.
Valid combinations are shown in Table 17.
Table 17. Clock Cycles Required to Transfer One Byte
SPI Mode
DDR
Clock Cycles for 1 Byte
Single SPI
No
8
Single SPI
Yes
4
Dual SPI
No
4
Dual SPI
Yes
2
Quad SPI
No
2
Quad SPI
Yes
1
SPI CRC
The INVALID_OR_NO_CRC bit in the INTERFACE_STATUS_A
register is set when the CRC is enabled and the CRC byte in
the SPI transaction is missing or it does not match the calculated
value. To clear this error, write 1 to this bit. Note that because CRC
is enabled, this SPI transaction must have a valid CRC code to
succeed.
Write to Read Only Register
If the host tries to write to a read only register, the
WRITE_TO_READ_ONLY_REGISTER bit field is asserted in the
INTERFACE_STATUS_A register. To clear this error, write 1 to the
WRITE_TO_READ_ONLY_REGISTER bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com