Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5124 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5124
Description  Dual-Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5124 Datasheet HTML 17Page - Analog Devices AD5124 Datasheet HTML 18Page - Analog Devices AD5124 Datasheet HTML 19Page - Analog Devices AD5124 Datasheet HTML 20Page - Analog Devices AD5124 Datasheet HTML 21Page - Analog Devices AD5124 Datasheet HTML 22Page - Analog Devices AD5124 Datasheet HTML 23Page - Analog Devices AD5124 Datasheet HTML 24Page - Analog Devices AD5124 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
AD5122/AD5142
THEORY OF OPERATION
analog.com
Rev. D | 21 of 27
1 X means don’t care.
ADVANCED CONTROL MODES
The AD5122/AD5142 digital potentiometers include a set of user
programming features to address the wide number of applications
for these universal adjustment devices (see Table 16 and Table 18).
Key programming features include the following:
►
Input register
►
Linear gain setting mode
►
Low wiper resistance feature
►
Lineal increment and decrement instructions
►
±6 dB increment and decrement instructions
►
Reset
►
Shutdown mode
Input Register
The AD5122/AD5142 include one input register per RDAC register.
These registers allow preloading of the value for the associated
RDAC register. These registers can be written to using Command 2
and read back from using Command 3 (see Table 16).
This feature allows a synchronous update of one or all the RDAC
registers at the same time.
The transfer from the input register to the RDAC register is done
synchronously by Command 8 (see Table 16).
If new data is loaded into an RDAC register, this RDAC register
automatically overwrites the associated input register.
Linear Gain Setting Mode
The proprietary architecture of the AD5122/AD5142 allows the in-
dependent control of each string resistor, RAW and RWB. To enable
this feature, use Command 16 (see Table 16) to set Bit D2 of the
control register (see Table 18).
This mode of operation can control the potentiometer as two inde-
pendent rheostats connected at a single point, W terminal, as
opposed to potentiometer mode where each resistor is complemen-
tary, RAW = RAB − RWB.
This feature enables a second input and an RDAC register per
channel, as shown in Table 17; however, the actual RDAC contents
remain unchanged. The same operations are valid for potentiome-
ter mode and linear gain setting mode.
If the INDEP pin is pulled high, the device powers up in linear gain
setting mode and loads the values stored in the associated memory
locations for each channel (see Table 17). The INDEP pin and D2
bit are connected internally to a logic or gate, if any or both are 1,
the devices cannot operate in potentiometer mode.
Low Wiper Resistance Feature
The AD5122/AD5142 include two commands to reduce the wiper
resistance between the terminals when the devices achieve full
scale or zero scale. These extra positions are called bottom scale,
BS, and top scale, TS. The resistance between Terminal A and
Terminal W at top scale is specified as RTS. Similarly, the bottom
scale resistance between Terminal B and Terminal W is specified as
RBS.
The contents of the RDAC registers are unchanged by entering
in these positions. There are three ways to exit from top scale
and bottom scale: by using Command 12 or Command 13 (see
Table 16); by loading new data in an RDAC register, which includes
increment/decrement operations; or by entering shutdown mode,
Command 15 (see Table 16).
Table 12 and Table 13 show the truth tables for the top scale
position and the bottom scale position, respectively, when the
potentiometer or linear gain setting mode is enabled.
Table 12. Top Scale Truth Table
Linear Gain Setting Mode
Potentiometer Mode
RAW
RWB
RAW
RWB
RAB
RAB
RTS
RAB
Table 13. Bottom Scale Truth Table
Linear Gain Setting Mode
Potentiometer Mode
RAW
RWB
RAW
RWB
RTS
RBS
RAB
RBS
Linear Increment and Decrement Instructions
The increment and decrement commands (Command 4 and Com-
mand 5 in Table 16) are useful for linear step adjustment applica-
tions. These commands simplify microcontroller software coding
by allowing the controller to send an increment or decrement
command to the device. The adjustment can be individual or in a
ganged potentiometer arrangement, where all wiper positions are
changed at the same time.
For an increment command, executing Command 4 automatically
moves the wiper to the next RDAC position. This command can be
executed in a single channel or multiple channels.
±6 DB Increment and Decrement Instructions
Two programming instructions produce logarithmic taper increment
or decrement of the wiper position control by an individual poten-
tiometer or by a ganged potentiometer arrangement where all
RDAC register positions are changed simultaneously. The +6 dB
increment is activated by Command 6, and the −6 dB decrement
is activated by Command 7 (see Table 16). For example, starting
with the zero-scale position and executing Command 6 ten times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com