Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8158 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8158
Description  6.5 Gbps Quad Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8158 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8158 Datasheet HTML 12Page - Analog Devices AD8158 Datasheet HTML 13Page - Analog Devices AD8158 Datasheet HTML 14Page - Analog Devices AD8158 Datasheet HTML 15Page - Analog Devices AD8158 Datasheet HTML 16Page - Analog Devices AD8158 Datasheet HTML 17Page - Analog Devices AD8158 Datasheet HTML 18Page - Analog Devices AD8158 Datasheet HTML 19Page - Analog Devices AD8158 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD8158
Rev. B | Page 16 of 36
THEORY OF OPERATION
The AD8158 is a buffered, asynchronous, three-port transceiver
that allows 2:1 multiplexing and 1:2 demultiplexing among its
ports. The 1:2 demux path supports bicast operation, allowing
the AD8158 to operate as a port replicator as well as a redundancy
switch. The AD8158 offers loopback on each lane, allowing
the part to be configured as a twelve-lane equalizer or redriver
with FFE.
MUX
TXC
RXA
RXB
DEMUX
RXC
TXA
TXB
Figure 35. Mux/Demux Paths, Port A to Port C
The part offers extensively programmable transmit output levels
and preemphasis settings as well as squelch or full disable. The
receivers integrate a programmable, multizero transfer function
for aggressive equalization and a programmable loss-of-signal
feature. The AD8158 provides a balanced, high speed switch
core that maintains low lane-to-lane skew while preserving
edge rates.
The I/O on-chip termination resistors are tied to user-settable
supplies for increased flexibility. The AD8158 supports a wide
primary supply range; VCC can be set from 1.8 V to 3.3 V. These
features, together with programmable transmitter output levels,
allow for a wide range of dc- and ac-coupled I/O configurations.
The AD8158 supports several control and configuration modes,
shown in Table 5. The pin control mode offers access to a subset
of the total feature list but allows for a much simplified control
scheme. Table 6 compares the features in all control modes.
The primary advantage of using the serial control interface is
that it allows finer resolution in setting receive equalization,
transmitter preemphasis, loss-of-signal (LOS) behavior, and
output levels.
By default, the AD8158 starts in the pin control mode. Strobing
the RESETb pin sets all on-chip registers to their default values
and uses pins to configure switch connectivity, PE, and EQ
levels. In mixed mode, switch connectivity is still controlled
through the SEL[3:0], LB_[A:C], and BICAST pins. The user
can override PE and EQ settings in mixed mode. In serial
mode, all functions are accessed through registers and the
control pin inputs are ignored, except RESETb.
The AD8158 register set is controlled through a 2-wire I2C
interface. The AD8158 acts only as an I2C slave device. The 7-bit
slave address for the AD8158 I2C interface contains the static
value b1010 for the upper four bits. The lower three bits are
controlled by the input pins, I2C_A[2:0].
Table 5. Control Interface Mode Register
Address
Default
Register Name
Bit
Bit Name
Functionality Description
0x0F
0x00
Control
interface mode
7:2
Reserved
Set to 0.
1:0
Mode[1:0]
00: toggle pin control. Asynchronous control through toggle pins only.
10: mixed control. Switch configuration via toggle pins, register-based
control through the I2C serial interface.
11: serial control. Register-based control through the I2C serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com