Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM60N150DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM60N150DF
Description  N-Channel Super Trench Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM60N150DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM60N150DF Datasheet HTML 1Page - Rectron Semiconductor RM60N150DF Datasheet HTML 2Page - Rectron Semiconductor RM60N150DF Datasheet HTML 3Page - Rectron Semiconductor RM60N150DF Datasheet HTML 4Page - Rectron Semiconductor RM60N150DF Datasheet HTML 5Page - Rectron Semiconductor RM60N150DF Datasheet HTML 6Page - Rectron Semiconductor RM60N150DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (TC=25
unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250μA
150
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250μA
2.0
-
4.0
V
IDSS
Zero Gate Voltage Source Current
VDS=120V, VGS=0V
-
-
1
μA
TJ=85
--
30
μA
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
RDS(ON) a Drain-Source On-State Resistance
VGS=10V, ID=20A
-
13
16
VGS=6V, ID=10A
-
15
20
Diode Characteristics
VSD a
Diode Forward Voltage
ISD=20A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
IDS=20A, VGS=0V
dlSD/dt=100A/μs
-86
-
ns
Qrr
Reverse Recovery Charge
-
310
-
nC
Dynamic Characteristics b
Ciss
Input Capacitance
VGS=0V, VDS=75V
Frequency=1MHz
-
2881
-
pF
Coss
Output Capacitance
-
207
-
Crss
Reverse Transfer Capacitance
-
23
-
td(on)
Turn-on Delay Time
VDS=75V, VGEN=10V,
RG=45Ω, RL=3.75Ω,
IDS=20A
-15
-
ns
tr
Turn-on Rise Time
-
34
-
td(off)
Turn-off Delay Time
-
30
-
tf
Turn-off Fall Time
-
26
-
Gate Charge Characteristics b
Qg
Total Gate Charge
VDS =75V, VGS = 10 V,
IDS =20A
-
30.5
-
nC
Qgs
Gate-Source Charge
-
16.1
-
Qgd
Gate-Drain Charge
-
10.8
-
Notes:
a. Pulse test; pulse width
d 300Ps, duty cycle d 2%
b. Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com