Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9532 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # FS9532
Description  P-Channel 100 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

FS9532 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  FS9532 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd FS9532 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd FS9532 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd FS9532 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd FS9532 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd FS9532 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd FS9532 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
VDS = 0 V, ID
V
Drain-Source Breakdown Voltage
DS
= - 250 µA
- 100
V
VGS(t
Gate Threshold Voltage
h)
VDS = VGS, ID = - 250 µA
- 2.
- 1
5
I
Gate-Body Leakage
GSS
VDS = 0 V, VGS = ± 20 V
± 250
nA
VDS = - 100 V, VGS = 0
I
Zero Gate Voltage Drain Current
DSS
V
- 1
VDS = - 100 V, VGS = 0 V, TJ = 12
µA
5 °C
- 50
VDS = - 100 V, VGS = 0 V, TJ = 150 °C
- 250
On-State Drain Currenta
VDS ≤ - 10 V, VGS =
ID(on)
- 10 V
- 15
A
Drain-Source On-State Resistancea
VGS = - 10 V, ID
RDS(on)
= - 3.6 A
0.100
Ω
VGS = - 4.5 V, ID = - 3.4 A
0.120
Forward Transconductancea
VDS = - 15 V, ID =
gfs
- 3.6 A
12
S
Dynamicb
C
Input Capacitance
iss
VGS = 0 V, VDS = - 50 V, f = 1 MHz
1055
C
pF
Output Capacitance
oss
65
Crs
Reverse Transfer Capacitance
s
41
Total Gate Chargec
VDS = - 50 V, VGS = - 10 V, ID = - 3.6
Qg
A
23.2
34.8
nC
VDS = - 50 V, VGS = - 4.5 V, ID = - 3.6 A
11.7
17.6
Gate-Source Chargec
Qgs
3.5
Gate-Drain Chargec
Qgd
4.8
R
Gate Resistance
g
f = 1 MHz
1.2
5.7
11.5
Ω
Turn-On Delay Timec
td(on)
71
VDD = - 50 V, RL = 17.2 Ω
ID ≅ - 2.9 A, VGEN = - 10 V, Rg = 1 Ω
4
Rise Time
ns
c
tr
12
18
Turn-Off Delay Timec
td(off)
33
50
Fall Timec
tf
918
Drain-Source Body Diode Ratings and Characteristics TC = 25 °C
b
I
Continuous Current
S
- 8.8
A
I
Pulsed Current
SM
- 15
Forward Voltagea
VSD
IF = - 2.9 A, VGS = 0 V
- 0.8
- 1.5
V
t
Reverse Recovery Time
rr
5
IF = - 2.9 A, dI/dt = 100 A/µs
0
75
ns
IRM(
Peak Reverse Recovery Current
REC)
- 4
- 6
A
Q
Reverse Recovery Charge
rr
14
98
7
nC
2
FS9532-VB
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com