Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50AM24SCG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTM50AM24SCG
Description  Phase leg Series & SiC parallel diodes MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50AM24SCG Datasheet(HTML) 6 Page - Microsemi Corporation

  APTM50AM24SCG Datasheet HTML 1Page - Microsemi Corporation APTM50AM24SCG Datasheet HTML 2Page - Microsemi Corporation APTM50AM24SCG Datasheet HTML 3Page - Microsemi Corporation APTM50AM24SCG Datasheet HTML 4Page - Microsemi Corporation APTM50AM24SCG Datasheet HTML 5Page - Microsemi Corporation APTM50AM24SCG Datasheet HTML 6Page - Microsemi Corporation APTM50AM24SCG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APTM50AM24SCG
www.microsemi.com
6 – 7
Delay Times vs Current
td(on)
td(off)
0
10
20
30
40
50
60
30
80
130
180
230
280
ID, Drain Current (A)
VDS=333V
RG=0.8Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
30
80
130
180
230
280
ID, Drain Current (A)
VDS=333V
RG=0.8Ω
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
100
200
300
400
500
600
30
60
90
120
150
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=333V
D=50%
RG=0.8Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
10000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
5
30
80
130
180
230
280
ID, Drain Current (A)
VDS=333V
RG=0.8Ω
TJ=125°C
L=100µH
Eon
Eoff
0
2
4
6
8
01234
56789
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=333V
ID=150A
TJ=125°C
L=100µH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com