Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50DAM38CTG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM50DAM38CTG
Description  Boost chopper SiC FWD diode MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50DAM38CTG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM50DAM38CTG Datasheet HTML 1Page - Microsemi Corporation APTM50DAM38CTG Datasheet HTML 2Page - Microsemi Corporation APTM50DAM38CTG Datasheet HTML 3Page - Microsemi Corporation APTM50DAM38CTG Datasheet HTML 4Page - Microsemi Corporation APTM50DAM38CTG Datasheet HTML 5Page - Microsemi Corporation APTM50DAM38CTG Datasheet HTML 6Page - Microsemi Corporation APTM50DAM38CTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTM50DAM38CTG
www.microsemi.com
1 – 7
CR1
VBUS
NT C2
0/VBU S
VBUS SENSE
G2
S2
NT C1
Q2
OUT
VBUS
OUT
OUT
NTC2
NTC1
0/VBUS
S2
S2
G2
G2
VBUS
SENSE
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
500
V
Tc = 25°C
90
ID
Continuous Drain Current
Tc = 80°C
67
IDM
Pulsed Drain current
360
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
45
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
694
W
IAR
Avalanche current (repetitive and non repetitive)
46
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
2500
mJ
VDSS = 500V
RDSon = 38mΩ typ @ Tj = 25°C
ID = 90A @ Tc = 25°C
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
•
FWD SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Boost chopper
SiC FWD diode
MOSFET Power Module


Similar Part No. - APTM50DAM38CTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50DAM38CT ADPOW-APTM50DAM38CT Datasheet
316Kb / 7P
Boost chopper SiC FWD diode MOSFET Power Module
More results

Similar Description - APTM50DAM38CTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50DAM38CT ADPOW-APTM50DAM38CT Datasheet
316Kb / 7P
Boost chopper SiC FWD diode MOSFET Power Module
APTC60DAM18CTG ADPOW-APTC60DAM18CTG Datasheet
338Kb / 7P
Boost chopper SiC FWD diode Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60DAM18CTG MICROSEMI-APTC60DAM18CTG Datasheet
313Kb / 7P
Boost chopper SiC FWD diode Super Junction MOSFET Power Module
APT17M120JCU2 MICROSEMI-APT17M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT17M120JCU3 MICROSEMI-APT17M120JCU3 Datasheet
115Kb / 5P
ISOTOP짰 Buck chopper MOSFET SiC chopper diode Power module
APT20M120JCU2 MICROSEMI-APT20M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT26M100JCU2 MICROSEMI-APT26M100JCU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT58M50JCU2 MICROSEMI-APT58M50JCU2 Datasheet
116Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APTC60DDAM70CT1G MICROSEMI-APTC60DDAM70CT1G Datasheet
257Kb / 7P
Dual boost chopper Super Junction MOSFET SiC chopper diode
APTM100DA18CT1G MICROSEMI-APTM100DA18CT1G Datasheet
205Kb / 5P
Boost chopper MOSFET SiC chopper diode Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com