Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS4260LM Datasheet(PDF) 3 Page - STMicroelectronics

Part # IPS4260LM
Description  Industrial digital output expansion board based on IPS4260LM for STM32 Nucleo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260LM Datasheet(HTML) 3 Page - STMicroelectronics

  IPS4260LM Datasheet HTML 1Page - STMicroelectronics IPS4260LM Datasheet HTML 2Page - STMicroelectronics IPS4260LM Datasheet HTML 3Page - STMicroelectronics IPS4260LM Datasheet HTML 4Page - STMicroelectronics IPS4260LM Datasheet HTML 5Page - STMicroelectronics IPS4260LM Datasheet HTML 6Page - STMicroelectronics IPS4260LM Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1
Schematic diagrams
Figure 1. X-NUCLEO-OUT07A1 circuit schematic (1 of 2)
default open
DEFAULT
PA5
Arduino Connectors
Alternate Nucleo Supply
7V - 12 V
PB3
PA4
PA8
PA3
PC7
PA1
PC0
PB10
PC1
PB9
PA10
PB6
Morpho Connectors
(N.M.)
PB4
PB5
PA9
PB0
(7V-12V NUCLEO supply voltage)
PA0
PA7
PA2
PB8
PA6
IOREF
NRST
AVDD
DEFAULT
DEFAULT
DEFAULT
Alternate use
DEFAULT
Alternate use
Alternate use
DEFAULT
Alternate use
Alternate use
Alternate use
DEFAULT
DEFAULT
Alternate use
default open
default closed
default:
close 1-2
default:
close 1-2
default:
close 1-2
DEFAULT
DEFAULT
Alternate use
default:
close 1-2
Alternate use
default:
close 1-2
IN4_L
FLT_L
OL_L
IN1_L
IN2_L
IN3_L
DIAG4_L
DIAG1_L
DIAG2_L
DIAG3_L
V_FIELD_RP
OUT1
OUT2
OUT3
OUT4
V_FIELD
3v3
5v0
R119
100 N.M.
SW5
1
2
3
R107
100
R113
100
R101
100
C12
4700pF
J2
R118
100 N.M.
SW6
1
2
3
CN10
SSQ-119-04-L-D
N.M.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
CN6
SSQ-108-04-F-S
1
2
3
4
5
6
7
8
R106
100
CN7
SSQ-119-04-L-D
N.M.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
R112
100
U7
ESDA15P60-1U1M
N.M
SW4
1
2
3
CN3
1
2
R117
100 N.M.
CN1
1
2
CN2
1
2
R105
100 N.M
C11
4700pF
C10
2.2uF
R111
100
+ C19
47uF (N.M.)
R116
100
D5
STPS1H100A
CN5
SSQ-110-04-F-S
1
2
3
4
5
6
7
8
9
10
R104
100
D6
BAT48 N.M.
U2
R110
100
R115
100
J5
N.M.
TP1
5001
R103
100
R120
100
CN4
N.M.
1
2
R109
100 N.M.
CN8
SSQ-106-04-F-S
1
2
3
4
5
6
R108
100
R114
100
SW2
1
2
3
R102
100
J1
CN9
SSQ-108-04-F-S
1
2
3
4
5
6
7
8
SW3
1
2
3
3V3
5V
VIN
VIN
IN4_L
FLT_L
OL_L
IN2_L
IN3_L
DIAG4_L
DIAG1_L
DIAG2_L
DIAG3_L
IN1_L_PC7
IN2_L_PB6
IN4_L
IN2_L_PA9
DIAG1_L_PB8
DIAG2_L
DIAG4_L
DIAG1_L
DIAG3_L
DIAG2_L
DIAG4_L
IN4_L
EARTH
IN3_L_PA0
IN3_L_PA8
IN1_L_PC7
IN1_L_PA5
IN3_L_PA8
IN3_L_PA0
IN1_L
IN2_L_PA9
IN2_L_PB6
OL_L
FLT_L_PB4
DIAG1_L_PB3
DIAG1_L_PB8
DIAG1_L_PB3
FLT_L_PA7
FLT_L_PA7
FLT_L_PB4
IN1_L_PA5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com