Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-STM32MPNFC08 Datasheet(PDF) 8 Page - STMicroelectronics

Part # X-STM32MPNFC08
Description  STM32MP expansion board for NFC card reader
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-STM32MPNFC08 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button X-STM32MPNFC08 Datasheet HTML 3Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 4Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 5Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 6Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 7Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 8Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 9Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 10Page - STMicroelectronics X-STM32MPNFC08 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Figure 7. X-STM32MP-NFC08 circuit schematics (6 of 6)
TA
TV
TX
PWR
Ok
TF
TB
AP2P
LEDs
Switch
GPIO_LED6
GPIO_SWITCH
GPIO_LED5
GPIO_LED4
GPIO_LED3
GPIO_LED2
GPIO_LED1
3V3
3V3
SW1
SPST SW
D4
Blue LED
R38
1K
C41
100nF
D7
Blue LED
R40
1K
D3
Blue LED
R41
4.7K
R36
1K
R35
1K
R39
1K
D6
Blue LED
R34
680R
D8
Blue LED
R42
1K
R37
1K
D5
Blue LED
D2
Green LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com