Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1131BL-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1131BL-XX-AF5-R
Description  LOW NOISE 200mA LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1131BL-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1131BL-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1131BL-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1131B
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R502-C03.I
LOW NOISE 200mA LDO
REGULATOR
DESCRIPTION
The UTC L1131B is a COMS positive linear regulator. One of
it’s feature is the very low quiescent current typical as low as 1.5μA
and its dropout voltage is extremely low with 200mA output current,
and high ripple rejection. Each of these ICs consists of a voltage
reference unit, an error amplifier, resistor-net for voltage setting, a
short current limit circuit, a chip enable circuit, and so on.
These ICs perform with low dropout voltage and the
chip-enable function. The supply current at no load of this IC is
only 1.5μA, and the line transient response and the load transient
response of the UTC L1131B Series are excellent, thus these ICs
are
very
suitable
for
the
power
supply
for
hand-held
communication equipment.
FEATURES
* Low supply current Typ. 1.5μA
* Standby mode Typ. 0.1μA
* Output Voltage Range 1.2V ~ 5.0V
* Built-in fold back protection circuit
* Ceramic capacitors are recommended to be used with this IC
CIN=COUT=1μF
SOT-23
(EIAJ SC-59)
2
3
1
SOT-89
1
SOT-25
(JEDEC MO-178)
1
3
5
2
4
SOT-23-5
(JEDEC TO-236)
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L1131BL-xx-AB3-R
L1131BG-xx-AB3-R
SOT-89
Tape Reel
L1131BL-xx-AE3-R
L1131BG-xx-AE3-R
SOT-23
Tape Reel
L1131BL-xx-AE5-R
L1131BG-xx-AE5-R
SOT-23-5
Tape Reel
L1131BL-xx-AF5-R
L1131BG-xx-AF5-R
SOT-25
Tape Reel
L1131BL-xx-AE5-F-R
L1131BG-xx-AE5-F-R
SOT-23-5
Tape Reel
L1131BL-xx-AF5-F-R
L1131BG-xx-AF5-F-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - L1131BL-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1131A UTC-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131A UTC-L1131A Datasheet
172Kb / 5P
LOW NOISE 150mA LDO REGULATOR
L1131AG-15-AE5-R UTC-L1131AG-15-AE5-R Datasheet
172Kb / 5P
LOW NOISE 150mA LDO REGULATOR
L1131AG-25-AE5-R UTC-L1131AG-25-AE5-R Datasheet
172Kb / 5P
LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - L1131BL-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
200mA RF Low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com