Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG20N65L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTG20N65L-TQ2-R
Description  650V TRENCH GATE FIELD-STOP IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTG20N65L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTG20N65L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTG20N65L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTG20N65L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTG20N65L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTG20N65L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTG20N65-S
Insulated Gate Bipolar Transistor
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R203-070.G
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Off Characteristics
Collector-Emitter Breakdown Voltage
BVCES
650
V
Collector Cut-Off Current
ICES
VCE=650V, VGE=0V
5
μA
G-E Leakage Current
IGES
VCE=0V, VGE=±20V
±100
nA
On Characteristics
Gate to Emitter Threshold Voltage
VGE(TH)
IC=250μA, VCE=VGE
4.6
6.5
V
Collector to Emitter Saturation Voltage
VCE(SAT)
IC=20A, VGE=15V
TC=25°C
1.65
2.1
V
TC=125°C
2.0
V
Dynamic Characteristics
Input Capacitance
CIES
VCE=25V, VGE=0V, f=1MHz
837
pF
Output Capacitance
COES
72
pF
Reverse Transfer Capacitance
CRES
12
pF
Switching Characteristics
Total Gate Charge
QG
VCE=520V, IC=20A, VGE=15V
53.5
nC
Gate-Emitter Charge
QGE
21
nC
Gate-Collector Charge
QGC
17.3
nC
Turn-On Delay Time
tDON)
VCC=400V, IC=20A, RG=5Ω,
VGE=0~15V, L=1000uH
18.5
ns
Rise Time
tR
17.6
ns
Turn-Off Delay Time
tDOFF)
32
ns
Fall Time
tF
82.4
ns
Turn-On Switching Loss
EON
0.3
mJ
Turn-Off Switching Loss
EOFF
0.55
mJ
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward Voltage Drop
VF
IF=20A
2.1
3.0
V
Reverse Recovery Time
trr
IF=20A, dI/dt=100A/μS, VCC=400V
58.6
ns
Reverse Recovery Charge
Qrr
668
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com