Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-12 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-12
Description  16 W, Universal Input, Lead Acid Battery Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-12 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-12 Datasheet HTML 1Page - Power Integrations, Inc. DI-12 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
11/02
DI-12
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
Figure 2. Output Characteristic (V
OUT vs IOUT)
14
12
0
00.2
0.4
0.6
0.8
1.0
Output Current (A)
4
8
1.2
16
230 VAC
90 VAC
Ambient Temperature = 30
°C
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
For battery detection and monitoring, R11, R12 and Q2
reduce the output voltage to approximately 8 V when a 5 V
signal is applied to R12. This allows the battery voltage to
be measured, giving the state of charge.
Key Design Points
• The value of R3 sets the typical output current limit
threshold given by: R3 = 0.6 / I
LIMIT.
• Rate R3 and R5 accordingly for power dissipation (1 W).
• Ensure total voltage across R3 and R5 is greater than
1.5 V at I
LIMIT if control to 0 V (output shorted) is required.
• Ensure voltage at cathode of D3 is >6 V at I
LIMIT.
Add
additional bias winding turns, if necessary, to maintain
output current control to 0 V (output shorted).
• RT1: Philips part # 2322-640-54472.
• Select tolerance of U2, R7, R8 and R9 to give the desired
overall CV tolerance (R7, R8 and R9 as 0.1%; R10 as 1%
and U2 as 0.5% gives overall tolerance <2%).
TRANSFORMER PARAMETERS
Core Material
TDK PC40 EE22/29/6-Z,
Gap for A
LG = 145 nH/T
2
Bobbin
YC 2204 (Ying Chin)
Winding Details
Primary: 56T, 30 AWG
Bias: 8T, 2 x 30 AWG
Secondary: 8T, 28 AWG T.I.W.
(T.I.W. = Triple Insulated Wire)
Inductance
Primary: 475
µH ±10%,
Leakage: 35
µH (maximum)
Primary Resonant Frequency
300 kHz (minimum)
Winding Order
(Pin Numbers)
Primary (2-1), tape, Bias (4-3),
tape, Secondary (7,8-5,6)
Figure 3. Cell Charging Voltage vs Temperature.
2.30
2.25
-10.0
0.0
10.0
20.0
30.0
40.0
Temperature (°C)
2.15
2.20
50.0
2.35
2.40
2.45
60.0
Typical Limit
Table 1. Transformer Construction Information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com