Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-16 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-16
Description  57 W, 230 VAC, Multi-output Set-top Box Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-16 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-16 Datasheet HTML 1Page - Power Integrations, Inc. DI-16 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
B
12/02
DI-16
Slot 1 – Start Pin 5
26T
0.25 mm
Finish Pin 3
Slot 2 – Start Pin 11
1T
0.25 mm
Finish Pin 14
Start Pin 14
2T
0.25 mm
Finish Pin 12
Start Pin 16
4T
0.25 mm
Finish Pin 10
Start Pin 17
3T
0.25 mm
Finish Pin 16
Start Pin 18
6T
0.25 mm
Finish Pin 17
Slot 3 – Start Pin 3
26T
0.25 mm
Finish Pin 1
Start Pin 8
7T
0.25 mm
Finish Pin 9
Slot 4 – Start Pin 11
1T
0.25 mm
Finish Pin 14
Start Pin 14
2T
0.25 mm
Finish Pin 12
Start Pin 14
2T
0.25 mm
Finish Pin 12
Slot 5 – Start Pin 5
26T
0.25 mm
Finish Pin 4
Slot 6 – Start Pin 11
1T
0.25mm
Finish Pin 15
Start Pin 15
2T
0.25mm
Finish Pin 13
Start Pin 15
2T
0.25 mm
Finish Pin 13
Start Pin 16
4T
0.25 mm
Finish Pin 10
Slot 7 – Start Pin 4
26T
0.25 mm
Finish Pin 1
Slot 8 – Start Pin 11
1T
0.25 mm
Finish Pin 15
Start Pin 15
2T
0.25 mm
Finish Pin 13
Start Pin 16
4T
0.25 mm
Finish Pin 10
Start Pin 17
3T
0.25 mm
Finish Pin 16
Start Pin 18
6T
0.25 mm
Finish Pin 17
Slot 9 – Start Pin 5
26T
0.25 mm
Finish Pin 4
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
•A soft-finish capacitor (C20), eliminates start-up output
overshoot.
• Second stage LC post-filtering was used on all outputs for
low output ripple (L2-6 and C8, 10, 12, 15 and 18).
• Primary clamp components VR1 and D5 limit the leakage
inductance induced peak drain voltage to a safe value. R2
and C5 reduce power dissipation in VR1.
• Frequency jitter provides large EMI margins with simple
filtering.
Core & Bobbin
Primary Inductance
(pins 1-5, with pins 3-4
shorted together, all other
windings open)
Primary Resonant
Frequency (same test
conditions as above)
Leakage Inductance
(pins 1-5 with pins 3-4
shorted, pins 10-18 shorted)
TRANSFORMER PARAMETERS
Table 2. Transformer Electrical Specifications.
Orega SMT 18 core/bobbin set,
gappped for 180 nH/T2
487 µH ±10%
2 MHz (minimum)
15 µH (maximum)
-20
-10
0
-10
20
30
40
50
60
70
80
0.15
1
10
30
Frequency (MHz)
EN_V_QP
EN_V_AV
QP Limit Line
Quasi-Peak Scan
Average Scan
AV Limit Line
Figure 2. Conducted EMI (230 VAC, 43 W).
WINDING INSTRUCTIONS
Table 1. Transformer Build Information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com