Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-19 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-19
Description  Low Cost 1.5 W CV/CC Charger or Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-19 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-19 Datasheet HTML 1Page - Power Integrations, Inc. DI-19 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/02
DI-19
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein may be covered by one or more U.S.
and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations. A complete list of Power
Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Table 1. Transformer Construction Information.
Figure 3. No-load Input Power Consumption.
Core
Bobbin
Winding Details
Winding Order
(pin numbers)
Inductance
Primary Resonant
Frequency
TRANSFORMER PARAMETERS
TDK PC40 EE13,
A
LG= 101 nH/T
2
EE13 Horizontal 8 pin
Primary: 104T, 34 AWG
Shield: 12T, 2 x 30 AWG
Secondary: 15T, 30 AWG T.I.W.
Flux Band: 1T, 6 mm Cu foil
(T.I.W.: Triple Insulated Wire)
Secondary (5-6), tape, Shield
(3-4), tape, Primary
(4-1), tape, Flux band
(3-NC)
Primary: 1.36 mH ±10%, Leakage: 50 µH (max.)
300 kHz (minimum)
Figure 2. Load Regulation - CV/CC Characteristics with Limits.
10
6
8
0
0.09
0.27
0.36
Output Current (A)
0
2
4
0.18
V
IN = 85 VAC
V
IN = 265 VAC
0.3
0.2
0.15
0.25
50
100
150
200
250
300
Input Voltage (VAC)
0
0.05
0.1
85 VAC: 180 mW
110 VAC: 190 mW
230 VAC: 264 mW
265 VAC: 270 mW
• To maintain the
±22% CC tolerance the primary inductance
tolerance should be tighter than
±10%.
• Minimize zero load consumption by reducing drain node
capacitance: Use double coated/grade 2 wire for primary
and do not vacuum impregnate.
Avoid using an RC
snubber across the output diode.
• For resistive loads, increase C3 to 1
µF (electrolytic) to
allow adequate time for start-up at full load.
• For battery loads, an output
π filter is typically not required
but can be added for resistive loads to reduce switching
ripple.
• R1 can be replaced with an inductor for higher efficiency
(~10% increase).
• Adding a 1 mA to 2 mA pre-load reduces zero load voltage
by ~1 V but increases power consumption by ~10 mW.
• Diode D4 can be replaced with a Schottky for higher
efficiency.
• See AN-35 for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com