Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-22 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-22
Description  70 W, 19 V External Laptop Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-22 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-22 Datasheet HTML 1Page - Power Integrations, Inc. DI-22 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/02
DI-22
Table 1. Transformer Construction Information.
To reduce winding and diode dissipation the secondary is split
into two windings and diode OR’ed into the output capacitors
(C2, 3). Regulation is provided by a secondary side reference
(U3), the output voltage sensed by R4, R13 and R6.
Key Design Points
• D1 and VR1 clamp leakage inductance spikes. A Zener
clamp provides lower zero load consumption than an RCD
clamp and higher efficiency below full load.
• C11 reduces VR1 dissipation, raising efficiency.
• Additional differential filtering is provided by C13 and L3.
• C12 provides high frequency bypass, reducing high
frequency EMI.
• Use foil windings to reduce dissipation and reduce leakage
inductance.
• Sandwich secondary winding between two halves of
primary to reduce leakage inductance.
• High core temperature reduces saturation flux density.
Keep flux density below 3000 gauss (0.3 T) to prevent
saturation.
• Use 100 V Schottky diodes for highest efficiency.
• Good layout practices should be followed:
- Locate C8, R3, C5, R9, R10 and R11 close to U1.
- Power and signal source currents should be separated,
joined using a Kelvin connection at the SOURCE pin.
-Minimize the primary and secondary loop areas to reduce
parasitic leakage and EMI.
• Consult DAK-11 and EPR-11 for more information.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others.
The products and applications illustrated herein may be covered by one or more U.S. and foreign patents or potentially by pending U.S.
and foreign patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.
TRANSFORMER PARAMETERS
Core Material
FPQ26/20-A
TDK PC40 gappped for A
LG = 843 nH/T
2
Bobbin
TDK BPQ26/20-1112CP
Winding Details
Primary: 9T + 9T, 2 x 26 AWG
Shield: 1T, 8 mm x 0.015 mm Cu foil
Secondary 1: 3T, 3 x 26 AWG T.I.W.
Secondary 2: 3T, 3 x 26 AWG T.I.W.
Bias: 2T, 8 mm x 0.015 mm Cu foil
(T.I.W. = Triple Insulated Wire)
Inductance
Primary: 273 µH ± 10%,
Leakge: 3 µH (maximum)
Primary Resonant
Frequency
1.5 MHz (minimum)
Winding Order
(Pin Numbers)
Primary (2-1), Shield (1-NC),
tape, Secondary 1 (12-9),
Secondary 2 (11-8),
Bias (6-5), tape, Primary (3-2), tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com