Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50TAM65FPG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM50TAM65FPG
Description  Triple phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50TAM65FPG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM50TAM65FPG Datasheet HTML 1Page - Microsemi Corporation APTM50TAM65FPG Datasheet HTML 2Page - Microsemi Corporation APTM50TAM65FPG Datasheet HTML 3Page - Microsemi Corporation APTM50TAM65FPG Datasheet HTML 4Page - Microsemi Corporation APTM50TAM65FPG Datasheet HTML 5Page - Microsemi Corporation APTM50TAM65FPG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM50TAM65FPG
www.microsemi.com
1 – 6
W
VBUS1
VBUS2
VBUS3
0/VBUS3
V
G5
G6
S5
S6
0/VBUS1
S2
G2
G1
S1
0/VBUS2
U
S3
S4
G3
G4
S5
G5
G6
S6
VBUS 2
0/VBUS 3
VBUS 3
0/VBUS 2
W
V
G4
S4
G3
S3
VBUS 1
0/VBUS 1
S1
G1
S2
G2
U
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
500
V
Tc = 25°C
51
ID
Continuous Drain Current
Tc = 80°C
38
IDM
Pulsed Drain current
204
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
78
m
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
51
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 500V
RDSon = 65mΩ typ @ Tj = 25°C
ID = 51A @ Tc = 25°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Power MOS 7® FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Very low (12mm) profile
Each leg can be easily paralleled to achieve a phase
leg of three times the current capability
Module can be configured as a three phase bridge
Module can be configured as a boost followed by a
full bridge
RoHS Compliant
Triple phase leg
MOSFET Power Module


Similar Part No. - APTM50TAM65FPG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50TAM65FP ADPOW-APTM50TAM65FP Datasheet
317Kb / 6P
Triple phase leg MOSFET Power Module
More results

Similar Description - APTM50TAM65FPG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM08TAM04P ADPOW-APTM08TAM04P Datasheet
309Kb / 6P
Triple phase leg MOSFET Power Module
APTM10TAM09FP ADPOW-APTM10TAM09FP Datasheet
312Kb / 6P
Triple phase leg MOSFET Power Module
APTM10TAM19FP ADPOW-APTM10TAM19FP Datasheet
312Kb / 6P
Triple phase leg MOSFET Power Module
APTM50TAM65FP ADPOW-APTM50TAM65FP Datasheet
317Kb / 6P
Triple phase leg MOSFET Power Module
APTM100TA35FP ADPOW-APTM100TA35FP Datasheet
316Kb / 6P
Triple phase leg MOSFET Power Module
APTM120TA57FP ADPOW-APTM120TA57FP Datasheet
316Kb / 6P
Triple phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM08TAM04PG MICROSEMI-APTM08TAM04PG Datasheet
285Kb / 7P
Triple phase leg MOSFET Power Module
APTM10TAM09FPG MICROSEMI-APTM10TAM09FPG Datasheet
286Kb / 6P
Triple phase leg MOSFET Power Module
APTM10TAM19FPG MICROSEMI-APTM10TAM19FPG Datasheet
287Kb / 6P
Triple phase leg MOSFET Power Module
APTM20TAM16FPG MICROSEMI-APTM20TAM16FPG Datasheet
292Kb / 6P
Triple phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com