Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM100A13SCG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM100A13SCG
Description  Phase leg Series & SiC parallel diodes MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100A13SCG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM100A13SCG Datasheet HTML 1Page - Microsemi Corporation APTM100A13SCG Datasheet HTML 2Page - Microsemi Corporation APTM100A13SCG Datasheet HTML 3Page - Microsemi Corporation APTM100A13SCG Datasheet HTML 4Page - Microsemi Corporation APTM100A13SCG Datasheet HTML 5Page - Microsemi Corporation APTM100A13SCG Datasheet HTML 6Page - Microsemi Corporation APTM100A13SCG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTM100A13SCG
www.microsemi.com
1 – 7
OUT
S1
G2
S2
G1
Q2
0/VBUS
VBUS
Q1
OUT
VBUS
S1
G1
0/VBUS
G2
S2
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
65
ID
Continuous Drain Current
Tc = 80°C
49
IDM
Pulsed Drain current
240
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
156
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
1250
W
IAR
Avalanche current (repetitive and non repetitive)
24
A
EAR
Repetitive Avalanche Energy
30
EAS
Single Pulse Avalanche Energy
1300
mJ
VDSS = 1000V
RDSon = 130mΩ typ @ Tj = 25°C
ID = 65A @ Tc = 25°C
Application
•
Motor control
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Parallel SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
•
RoHS Compliant
Phase leg
Series & SiC parallel diodes
MOSFET Power Module


Similar Part No. - APTM100A13SCG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
APTM100A13SCG ISC-APTM100A13SCG Datasheet
439Kb / 6P
SiC diodes MOSFET Power Module
More results

Similar Description - APTM100A13SCG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC80A10SCT ADPOW-APTC80A10SCT Datasheet
312Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80A15SCT ADPOW-APTC80A15SCT Datasheet
317Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80AM75SC ADPOW-APTC80AM75SC Datasheet
306Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80AM75SCG MICROSEMI-APTC80AM75SCG Datasheet
300Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTM50AM24SCG MICROSEMI-APTM50AM24SCG Datasheet
287Kb / 7P
Phase leg Series & SiC parallel diodes MOSFET Power Module
APTM50AM38SCTG MICROSEMI-APTM50AM38SCTG Datasheet
300Kb / 8P
Phase leg Series & SiC parallel diodes MOSFET Power Module
APTC60AM24SCTG MICROSEMI-APTC60AM24SCTG Datasheet
240Kb / 7P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC90AM60SCTG MICROSEMI-APTC90AM60SCTG Datasheet
215Kb / 6P
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
APTM100A23SCTG MICROSEMI-APTM100A23SCTG Datasheet
300Kb / 7P
Phase leg Series & SiC parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com